Electronic Components Datasheet Search
  English  ▼

X  

FAB0403012 Datasheet(PDF) 1 Page - Power System Technology

Part # FAB0403012
Description  Naval
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

FAB0403012 Datasheet(HTML) 1 Page - Power System Technology

  FAB0403012 Datasheet HTML 1Page - Power System Technology FAB0403012 Datasheet HTML 2Page - Power System Technology FAB0403012 Datasheet HTML 3Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
74 x 87 x 233 mm
INPUT : 90-265Vac or 130-210Vdc
OUTPUT : 24V / 300W
Efficiency : 85 % typ.
External air forced
APPLICATIONS
Naval.
INPUT
Voltage range :
90-265Vac or 130-210Vdc
47-63Hz
PFC EN61000-3-2, MIL-STD 461E CE101
Input protection :
fuse 5A
transient and surges protected
inrush current limitation
reverse polarity protection in DC operation
OUTPUT
Voltage :
24Vdc
Output power :
200W for AC input : 90-132Vac
300W for AC input : 132-264Vac and DC input 132-210Vdc
Typ.
Line regulation
Load regulation
Ripple and noise
Current limit
0,1 %
0,5 %
1 %
115 %
of I nominal
Low line to high line ; full load
No load to full load
Peak to peak, nom. Input ; full load
Vout = 95% of nominal ;
Automatic restart
0,2 %
1 %
2 %
Short circuit current
115 %
of I out nominal
115 %
of I out nominal
OUTPUT
Conditions
Max.
FAB0403012
1/3
Rev. 01
PRELIMINAR
Y


Similar Part No. - FAB0403012

ManufacturerPart #DatasheetDescription
logo
Power System Technology
FAB0401001 PST-FAB0401001 Datasheet
230Kb / 3P
Naval defence
FAB0401002 PST-FAB0401002 Datasheet
232Kb / 3P
Vehicule, industrial and high temperature application. Very low profile
FAB0402001 PST-FAB0402001 Datasheet
219Kb / 3P
Industrial
FAB0404010 PST-FAB0404010 Datasheet
213Kb / 3P
Railways and industrial applications
More results

Similar Description - FAB0403012

ManufacturerPart #DatasheetDescription
logo
Power System Technology
FAB0301007 PST-FAB0301007 Datasheet
209Kb / 3P
Naval cabinet
FAB0401001 PST-FAB0401001 Datasheet
230Kb / 3P
Naval defence
FAB0509012 PST-FAB0509012 Datasheet
203Kb / 3P
Naval, industrial
PST04 PST-PST04 Datasheet
232Kb / 4P
Industrial, naval applications
PST08 PST-PST08 Datasheet
232Kb / 4P
Designed for industrial and defense, naval applications
PST19 PST-PST19 Datasheet
657Kb / 4P
Naval and industrial applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com