Electronic Components Datasheet Search
  English  ▼

X  

FAB0502014 Datasheet(PDF) 3 Page - Power System Technology

Part # FAB0502014
Description  Specially designed for hard environment applications with vibrations like railways
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

FAB0502014 Datasheet(HTML) 3 Page - Power System Technology

  FAB0502014 Datasheet HTML 1Page - Power System Technology FAB0502014 Datasheet HTML 2Page - Power System Technology FAB0502014 Datasheet HTML 3Page - Power System Technology FAB0502014 Datasheet HTML 4Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MECHANICALS
PIN
2
8
4-6
OUTPUT : DIN41612 form D32 male 90°
10
12
14-16
18
20
22
24-30
32
Ground
NC
0 V1
NC
+5 V1
NC
0 V2
NC
+5 V2
NC
Ground
Solder side of the PCB protected by PBT sheet UL94V0.
3/4
FAB0502014
Rev. 02
PIN
A
C
B
DESCRIPTION
INPUT : SOURIAU UTG0128P male
D
E
F
G
H
+BT1
NC
+BT2
NC
0 BT2
NC
0 BT1
Ground
DESCRIPTION
a
2
8
4-6
10
12
14-16
18
20
22
24-30
32
c



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com