Electronic Components Datasheet Search
  English  ▼

X  

LTM455BU Datasheet(PDF) 1 Page - Shoulder Electronics Limited.

Part # LTM455BU
Description  CENTER FREQUENCY SHALL BE DEFIED AS THE CENTRAL VALUE OF THE BAND WITH AT 6 dB
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

LTM455BU Datasheet(HTML) 1 Page - Shoulder Electronics Limited.

  LTM455BU Datasheet HTML 1Page - Shoulder Electronics Limited. LTM455BU Datasheet HTML 2Page - Shoulder Electronics Limited. LTM455BU Datasheet HTML 3Page - Shoulder Electronics Limited. LTM455BU Datasheet HTML 4Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Http://www.shoulder.cn
SHOULDER ELECTRONICS LIMITED
Page: 1
SHOULDER ELECTRONICS LIMITED
CERAMIC FILTER Data Sheet
PRODUCT 产 品:
CERAMIC
FILTER
MODEL NO 型 号:
LTM…U
PREPARED 编 制:
Fengyu
CHECKED 审 核:
York
APPROVED 批 准:
Lijiating
DATE
日 期: 2008-01-25


Similar Part No. - LTM455BU

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
LTM455BU AURIS-LTM455BU Datasheet
143Kb / 1P
Filter THT
logo
ECS, Inc.
LTM455BU ECS-LTM455BU Datasheet
282Kb / 1P
4 ELEMENT CERAMIC FILTER
logo
auris-GmbH
LTM455BU AURIS-LTM455BU Datasheet
185Kb / 1P
Filter THT, Ceramic
logo
Token Electronics Indus...
LTM455BU TOKEN-LTM455BU Datasheet
342Kb / 3P
LTM 455/450 Ceramic Filters
logo
Fronter Electronics Co....
LTM455BU FRONTER-LTM455BU Datasheet
182Kb / 1P
22 PIN Version 6.5x6.5x6.2 mm
More results

Similar Description - LTM455BU

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
LT10.7MS2 TGS-LT10.7MS2 Datasheet
460Kb / 8P
This specification shall cover the characteristics of the ceramic
logo
Shoulder Electronics Li...
HDF860ES4 SHOULDER-HDF860ES4 Datasheet
169Kb / 8P
The tape shall be wound around the reel in the direction shown below
HDF866AS6 SHOULDER-HDF866AS6 Datasheet
169Kb / 8P
The tape shall be wound around the reel in the direction shown below
HDF915ANS6 SHOULDER-HDF915ANS6 Datasheet
178Kb / 8P
The tape shall be wound around the reel in the direction shown below
LTM-W SHOULDER-LTM-W Datasheet
110Kb / 4P
CENTER FREQUENCY SHALL BE DEFIED AS THE CENTRAL VALUE OF THE BAND WITH AT 6 dB
LTUC-455 SHOULDER-LTUC-455 Datasheet
186Kb / 7P
TEMPERATURE COEFFICIENT OF CENTER FREQUENCY SHALL BE DEFINED AS THE AVERAGE OF THE CENTRAL FREQUECY.
logo
TE Connectivity Ltd
408-8581 TEC-408-8581 Datasheet
63Kb / 3P
crimping chamber crimps the center contact onto the center conductor of the coaxial cable.
108-1979 TEC-108-1979 Datasheet
266Kb / 5P
Product shall be of the design, construction and physical dimensions specified on the applicable product drawing.
408-10465 TEC-408-10465 Datasheet
60Kb / 1P
Remove the four screws at the bottom of the light
logo
Shenzhen Huazhimei Semi...
HM8021B HMSEMI-HM8021B Datasheet
493Kb / 7P
The brightness of the light can be adjusted as needed, and the operation is simple and convenient.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com