Electronic Components Datasheet Search
  English  ▼

X  

LTM455CU Datasheet(PDF) 4 Page - Shoulder Electronics Limited.

Part # LTM455CU
Description  CENTER FREQUENCY SHALL BE DEFIED AS THE CENTRAL VALUE OF THE BAND WITH AT 6 dB
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

LTM455CU Datasheet(HTML) 4 Page - Shoulder Electronics Limited.

  LTM455CU Datasheet HTML 1Page - Shoulder Electronics Limited. LTM455CU Datasheet HTML 2Page - Shoulder Electronics Limited. LTM455CU Datasheet HTML 3Page - Shoulder Electronics Limited. LTM455CU Datasheet HTML 4Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FILTER INTO THE ROOM CONDITIONS FOR 1 TO 2 HOURS PRIOR
TO
THE MEASUREMENT.
IT SHALL
FULFILL
THE SPECIFICATIONS IN
TABLE 1.
6-4
TEMPERATURE CYCLING
SUBJECT
THE
FILTER
TO A LOW TEMPERATURE OF -55℃ FOR 30
MINUTES. FOLLOWSING BY A HIGH TEMPERATURE
OF +85℃ FOR 30
MINUTES. THEN RELEASE THE FILTER INTO THE ROOM
CONDITIONS
FOR 1 TO 2 HOURS PRIOR TO THE MESUREMENT. IT SHALL MEET THE
SPECIFICATIONS IN TABLE 1.
6-5
RESISTANCE
TO SOLDER HEAT
DIP THE FILTER TERMINALS NO
CLOSER
THAN
1.5mm
INTO THE
SOLDER BATH AT 270℃ ±10℃ FOR 10±1 SEC. THEN RELEASE THE
FILTER
INTO
THE
ROOM
CONDITIONS
FOR 1 TO 2 HOURS. THE
FILTER SHALL MEET THE SPECIFICATIONS IN TABLE 1.
6-6
MECHANICAL SHOCK
DROP THE FILTER RANDOMLY ONTO THE
CONCRETE FLOOR FROM
THE
HEIGHT OF 30cm 3
TIMES.THE FILTER
SHALL FULFILL
THE
SPECIFICATIONS IN TABLE 1.
6-7
VIBRATION
SUBJECT THE FILTER TO THE
VIBRATION FOR 1 HOUR EACH IN X,Y
AND
Z AXES WITH THE
AMPLITUDE OF 1.5 mm AT 10 TO 55 Hz. THE
FILTER
SHALL
FULFILLTHE SPECIFICATIONS IN TABLE 1.
6-8
LEAD FATIGUE
6-8-1
PULLING TEST
WEIGHT
ALONG WITH THE DIRECTION OF LEAD WITHOUT AN
SHOCK 3 KG.
THE
FILTER SHALL SATISFY ALL THE
INITIAL
CHARACTERISTICS.
6-8-2
BENDING TEST
LEAD
SHALL BE SUBJECT TO
WITHSTAND
AGAINST
90℃
BENDING IN THE DERECTION OF THICKNESS. THIS OPERATION
SHALL BE
DONE
TOWARD
BOTH
DIRECTION. THE FILTER
SHALL SHOW
NO EVIDENCE OF DAMAGE AND SHALLSATISFY
ALL THE INITIAL ELECTRICAL CHARACTERISTICS.
TABLE 1
ITEM
SPECIFICATION
CENTRE FREQUENCY(f。)
450
±1.5 KHz Max
BAND WIDTH(6 dB)
±10.0 KHz Min
SELECTIVITY(40dB)
±20 KHz Max
STOP BAND ATTENUATION
30 dB Min
RIPPLE
2.5 dB Max
INSERTION LOSS
4 dB Max
Http://www.shoulder.cn
SHOULDER ELECTRONICS LIMITED
Page: 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com