Electronic Components Datasheet Search
  English  ▼

X  

LTM455BW Datasheet(PDF) 2 Page - Shoulder Electronics Limited.

Part # LTM455BW
Description  CENTER FREQUENCY SHALL BE DEFIED AS THE CENTRAL VALUE OF THE BAND WITH AT 6 dB
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

LTM455BW Datasheet(HTML) 2 Page - Shoulder Electronics Limited.

  LTM455BW Datasheet HTML 1Page - Shoulder Electronics Limited. LTM455BW Datasheet HTML 2Page - Shoulder Electronics Limited. LTM455BW Datasheet HTML 3Page - Shoulder Electronics Limited. LTM455BW Datasheet HTML 4Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1. LTM 455(450)…W SERIES
Center
Frequency
Insertion
Loss
Pass Band
Ripple
6dB
Bandwidth
min
40dB
Bandwidth
max
Stop Band Att.
±100 KHz
min
I/O
Impedance
Part
Number
(KHz)
(dB)
(dB)
(KHz)
(KHz)
(dB)
(Ohm)
LTM450BU
450±2.0
4
2
±15
±30
40
1500
LTM455BW
455±2.0
4
2
±15
±30
40
1500
LTM450CW
450±2.0
4
2
±12.5
±24
40
1500
LTM455CW
455±2.0
4
2
±12.5
±24
40
1500
LTM450DW
450±1.5
4
2
±10
±20
40
1500
LTM455DW
455±1.5
4
2
±10
±20
40
1500
LTM450EW
450±1.5
6
2
±7.5
±15
40
1500
LTM455EW
455±1.5
6
2
±7.5
±15
40
1500
LTM450FW
450±1.5
6
2
±6
±12.5
40
2000
LTM455FW
455±1.5
6
2
±6
±12.5
40
2000
LTM450GW
450±1.5
6
2
±4.5
±10
40
2000
LTM455GW
455±1.5
6
2
±4.5
±10
40
2000
LTM450HW
450±1.0
6
2
±3
±9
40
2000
LTM455HW
455±1.0
6
2
±3
±9
40
2000
LTM450IW
450±1.0
6
2
±2
±7.5
40
2000
LTM455IW
455±1.0
6
2
±2
±7.5
40
2000
LTM450HTW
450±1.0
6
2
±3
±9
60
2000
LTM455HTW
455±1.0
6
2
±3
±9
60
2000
2. PART NUMBERING : LTM455HTW
3. ELECTRONICAL SPECIFICATIONS
A. CENTRE FREQUENCY (f。)
:
455KHz±1.0KHz.
B. BAND WIDTH AT 6 dB
:
±3.0 KHz MIN.(TO 455KHz)
C. BAND WIDTH AT 50 dB
:
±9.0 KHz MAX.(TO 455KHz)
D. STOP BAND ATTENUATION
:
45.0 dB MIN.(AT f。±100KHz)
E.
RIPPLE
:
2.0 dB MAX.(AT f。±5.0KHz)
F.
INSERTION LOSS
:
5.0 dB MAX (AT THE SMALLEST LOSS)
G. TEMPRATURE COEFFICIENT
OF CENTER FRENQUENCY
:
±50PPM/℃ Max.(-20 TO +80℃)
H. INPUT/OUTPUT IMPEDANCE
:
1.5K
Ω
NOTE :
A)
CENTER FREQUENCY SHALL BE DEFIED AS THE CENTRAL
VALUE OF THE BAND WITH AT 6 dB
B)
TEMPRATURE
COEFFICIENT
OF
CENTER FREQUENCY
SHALL BE
DEFINED AS THE AVERAGE OF THE CENTRAL
FREQUECY.
4.
MEASUREMENT
A. ENVIRONMENTAL CONDITION
MEASUREMENT SHALL
BE
CARRIED OUT AT THE REFERENCE
Http://www.shoulder.cn
SHOULDER ELECTRONICS LIMITED
Page: 2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com