Electronic Components Datasheet Search
  English  ▼

X  

LTM455CW Datasheet(PDF) 3 Page - Shoulder Electronics Limited.

Part # LTM455CW
Description  CENTER FREQUENCY SHALL BE DEFIED AS THE CENTRAL VALUE OF THE BAND WITH AT 6 dB
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

LTM455CW Datasheet(HTML) 3 Page - Shoulder Electronics Limited.

  LTM455CW Datasheet HTML 1Page - Shoulder Electronics Limited. LTM455CW Datasheet HTML 2Page - Shoulder Electronics Limited. LTM455CW Datasheet HTML 3Page - Shoulder Electronics Limited. LTM455CW Datasheet HTML 4Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TEMPERATURE OF 25℃
±2℃.
IT
SHALL
BE
POSSIBLY
DONE
AT 5℃TO 35℃UNLESS IT IS QUESTIONABLE.
B.
MEASURING CIRCUIT
#S.S.G.
(STANDARD SIGNAL GENERATION)
R.F.V.M.
(RADIO FREQUENCY VOLTAGE METER)
Rg+R1=R2=1.5 KΩ
C<=50 PF
5.
DIMENSIONS(mm)
6.
ENVIRONMENTAL CHARACTERISTICS
6-1
HIGH TEMPERATURE EXPOSURE
SUBJECT THE
FILTER TO +80℃ FOR 96 HOURS. THEN RELEASE THE
FILTER
INTO THE ROOM CONDITIONS FOR 2 HOURS PRIOR
TO THE
MEASUREMENT.
IT SHALL
FULFILL
THE SPECIFICATIONS IN TABLE
1.
6-2
MOISUTRE
KEEP THE
FILTER
AT 40℃ AND 95% RH FOR 96 HOURS.THEN
RELEASE
THE FILTER INTO THE
ROOM
CONDITIONS
FOR
2
HOURS
PRIOR TO THE MEASUREMENT. IT
SHALL FULFILL THE
Http://www.shoulder.cn
SHOULDER ELECTRONICS LIMITED
Page: 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com