Electronic Components Datasheet Search
  English  ▼

X  

TSLB257 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TSLB257
Description  HIGHSENSITIVITY COLOR LIGHTTOVOLTAGE CONVERTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TSLB257 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TSLB257 Datasheet HTML 1Page - List of Unclassifed Manufacturers TSLB257 Datasheet HTML 2Page - List of Unclassifed Manufacturers TSLB257 Datasheet HTML 3Page - List of Unclassifed Manufacturers TSLB257 Datasheet HTML 4Page - List of Unclassifed Manufacturers TSLB257 Datasheet HTML 5Page - List of Unclassifed Manufacturers TSLB257 Datasheet HTML 6Page - List of Unclassifed Manufacturers TSLB257 Datasheet HTML 7Page - List of Unclassifed Manufacturers TSLB257 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TSLB257, TSLG257, TSLR257
HIGHSENSITIVITY COLOR
LIGHT TOVOLTAGE CONVERTERS
TAOS027B – MARCH 2002
1
The
LUMENOLOGY
r Company
t
t
Copyright
E 2002, TAOS Inc.
www.taosinc.com
D Converts Light Intensity to Output Voltage
D Integral Color Filter in Blue, Green, or Red
D Monolithic Silicon IC Containing
Photodiode, Operational Amplifier, and
Feedback Components
D High Sensitivity
D Single Voltage Supply Operation
D Low Noise (200 µVrms Typ to 1 kHz)
D Rail-to-Rail Output
D High Power-Supply Rejection (35 dB at
1 kHz)
D Compact 3-Leaded Plastic Package
Description
The TSLB257, TSLG257, and TSLR257 are high-sensitivity low-noise light-to-voltage optical converters that
incorporate onboard blue, green, and red optical filters, respectively. These devices combine a photodiode and
a transimpedance amplifier on a single monolithic CMOS integrated circuit with a color filter over the photodiode.
Output voltage is directly proportional to light intensity (irradiance) on the photodiode. Each device has a
transimpedance gain of 320 M
Ω with improved offset voltage stability and low power consumption, and is
supplied in a 3-lead clear plastic sidelooker package with an integral lens.
These devices are ideal for applications such as colorimetry, printing process control, display color correction,
and selectively ambient light detection or rejection.
Functional Block Diagram
Voltage
Output
+
–
Terminal Functions
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
GND
1
Ground (substrate). All voltages are referenced to GND.
OUT
3
Output voltage
VDD
2
Supply voltage
t
t
Texas Advanced Optoelectronic Solutions Inc.
800 Jupiter Road, Suite 205
S Plano, TX 75074 S (972) 673-0759
3
2
1
OUT
VDD
GND
PACKAGE
(FRONT VIEW)


Similar Part No. - TSLB257

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TSLB257 TAOS-TSLB257 Datasheet
105Kb / 8P
HIGH짯SENSITIVITY COLOR LIGHT짯TO짯VOLTAGE CONVERTERS
TSLB257S TAOS-TSLB257S Datasheet
105Kb / 8P
HIGH짯SENSITIVITY COLOR LIGHT짯TO짯VOLTAGE CONVERTERS
TSLB257S-LF TAOS-TSLB257S-LF Datasheet
105Kb / 8P
HIGH짯SENSITIVITY COLOR LIGHT짯TO짯VOLTAGE CONVERTERS
More results

Similar Description - TSLB257

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL257 ETC-TSL257 Datasheet
79Kb / 6P
HIGHSENSITIVITY LIGHTTOVOLTAGE CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TRS1722 TAOS-TRS1722 Datasheet
129Kb / 10P
HIGH SENSITIVITY REFLECTIVE COLOR SENSOR WITH LIGHTTOVOLTAGE CONVERTERS
TSL257 TAOS-TSL257 Datasheet
145Kb / 8P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
TSL257T TAOS-TSL257T Datasheet
176Kb / 10P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
TSL267 TAOS-TSL267 Datasheet
143Kb / 8P
HIGH-SENSITIVITY IR LIGHT-TO-VOLTAGE CONVERTER
logo
ams AG
TSL257 AMSCO-TSL257 Datasheet
585Kb / 9P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
TSL257T AMSCO-TSL257T Datasheet
615Kb / 11P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
TSL267 AMSCO-TSL267 Datasheet
703Kb / 9P
HIGH-SENSITIVITY IR LIGHT-TO-VOLTAGE CONVERTER
TSL257S AMSCO-TSL257S Datasheet
585Kb / 9P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
TSL257 AMSCO-TSL257_V01 Datasheet
194Kb / 19P
High-Sensitivity Light-to-Voltage Converter
2016-Jul-25
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com