Electronic Components Datasheet Search
  English  ▼

X  

MMF150A Datasheet(PDF) 3 Page - SUNMATE electronic Co., LTD

Part # MMF150A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

MMF150A Datasheet(HTML) 3 Page - SUNMATE electronic Co., LTD

  MMF150A Datasheet HTML 1Page - SUNMATE electronic Co., LTD MMF150A Datasheet HTML 2Page - SUNMATE electronic Co., LTD MMF150A Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATING AND CHARACTERISTIC CURVES ( MMF5.0A - MMF170A )
3 of 3
FIG.1 - PULSE DERATING CURVE
FIG.2 - 10 x 1000 μs PULSE WAVEFORM
0
255075
100
125
150
Ta, AMBIENT TEMPERATURE, (
°C)
t, TIME (ms)
FIG.3 - STEADY STATE POWER DERATING
FIG.4 - PULSE RATING CURVE
FIG.5 - 8 x 20 μs PULSE WAVEFORM
FIG. 6 - CAPACITANCE VS. WORKING PEAK
REVERSE VOLTAGE
0
20
40
60
80
1000
100
10
1
1
10
100
200
WORKING PEAK REVERSE VOLTAGE (V)
80
60
40
20
120
4.0
10000
1000
0
0
50
1.0
3.0
0
10
2.0
100
tp, PULSE WIDTH
100
100
2
4
0
1
3
125
150
25
50
75
100
175
0.1
μs1.0μs10μs
100
μs10ms
1.0ms
TL, LEAD TEMPERATURE (
°C)
50
100
0
tr
Peak Value IRSM @ 8 μs
Pulse Width (tp) is defined
as that point where the peak
current decays = 8 μs
tp
Half Value IRSM/ 2 @ 20 μs
t, TIME (μs)
Measured @ 50 %VRWM
Measured @ Zero Bias
Peak Value - IRSM
tr
Pulse Width (tp) is defined
as that point where the peak
current decays to 50% of IRSM
Half Value - IRSM
2
tp
tr ≤ 10 μs
Ta = 25 °C
www.sunmate.tw



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com