Electronic Components Datasheet Search
  English  ▼

X  

UPB571C Datasheet(PDF) 1 Page - NEC

Part # UPB571C
Description  500 MHz DUAL-MODULUS PRESCAPER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPB571C Datasheet(HTML) 1 Page - NEC

  UPB571C Datasheet HTML 1Page - NEC UPB571C Datasheet HTML 2Page - NEC UPB571C Datasheet HTML 3Page - NEC UPB571C Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - UPB571C

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
UPB550A CTS-UPB550A Datasheet
156Kb / 2P
Surface mount, silver (Ag) coated barium ceramic filter
logo
NEC
UPB553AC NEC-UPB553AC Datasheet
201Kb / 4P
150 MHz DIVIDE-BY-16/17 LOW POWER PRESCALERS
UPB581A NEC-UPB581A Datasheet
77Kb / 12P
3 GHz INPUT DIVIDE BY 2 PRESCALER IC FOR DBS TUNERS
UPB581B NEC-UPB581B Datasheet
76Kb / 4P
DIVIDE- BY- 2 PRESCALER
UPB581C NEC-UPB581C Datasheet
77Kb / 12P
3 GHz INPUT DIVIDE BY 2 PRESCALER IC FOR DBS TUNERS
More results

Similar Description - UPB571C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADATE206 AD-ADATE206 Datasheet
315Kb / 16P
500 MHz Dual DCL
1/06- Revision 0
logo
Freescale Semiconductor...
MC12019 FREESCALE-MC12019 Datasheet
237Kb / 3P
Dual Modulus Prescaler
logo
Motorola, Inc
MC12009 MOTOROLA-MC12009 Datasheet
214Kb / 15P
Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
ML12015 LANSDALE-ML12015 Datasheet
310Kb / 4P
Dual Modulus Prescaler
ML12019 LANSDALE-ML12019 Datasheet
958Kb / 4P
Dual Modulus Prescaler
logo
Motorola, Inc
MC12015 MOTOROLA-MC12015 Datasheet
240Kb / 3P
Dual Modulus Prescaler
logo
Analog Devices
ADATE206 AD-ADATE206_15 Datasheet
348Kb / 16P
500 MHz Dual DCL
REV. A
logo
National Semiconductor ...
DS8615 NSC-DS8615 Datasheet
95Kb / 6P
130/225 MHz Low Power Dual Modulus Prescaler
July 1992
logo
LANSDALE Semiconductor ...
ML12019 LANSDALE-ML12019_08 Datasheet
171Kb / 4P
Dual Modulus Prescaler
ML12015 LANSDALE-ML12015_08 Datasheet
135Kb / 4P
Dual Modulus Prescaler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com