Electronic Components Datasheet Search
  English  ▼

X  

HVQL2520 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # HVQL2520
Description  25mA 20kV--High Voltage Bridge Rectifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HVQL2520 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HVQL2520 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HVQL2520
25mA 20kV--High Voltage Bridge Rectifier
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2016 1 / 1
MAXIMUM RATINGS AND CHARACTERISTICS: (Absolute Maximum Ratings)
Items
Symbols
Condition
Data Value Units
Repetitive Peak Renerse Voltage
VRRM
Ta=25°C;
20
kV
Average Output Current
IO
Ta=25°C;Resistive Load
25
mA
Suege Current
IFSM
Ta=25°C;8.3 mS
0.5
A
Junction Temperature
TJ
-40~+125
°C
Allowable Operation Case Temperature
Tc
125
°C
Storage Temperature
TSTG
-40~+125
°C
ELECTRICAL CHARACTERISTICS: Ta=25°C (Unless otherwise specified)
Items
Symbols
Condition
Data value Units
Maximum Forward Voltage Drop
VF
at 25°C;IF =IF(AV)
40
V
Maximum Reverse Current
IR1
at 25°C;VR =VRRM
2.0
uA
IR2
at 100°C;VR =VRRM
10
uA
Maximum Reverse Recovery Time
TRR
at 25°C; IF=2mA; IR=4mA; IRR=1mA
100
nS
Junction Capacitance
CJ
at 25°C; VR=0V; f=1MHz
--
pF
HVGT high voltage bridge rectifier is made of high
quality glass passivated chip and high reliability epoxy
resin sealing structure, and through professional testing
equipment inspection qualified after to customers.
SHAPE DISPLAY:
SIZE: (Unit:mm)
HVGT NAME: BR-10
FEATURES:
1. High reliability design.
2. Large current design.
3. High frequency .
4. Conform to RoHS.
5. Epoxy resin molded in vacuumHave
anticorrosion in the surface.
APPLICATIONS:
1. High voltage circuit rectifier.
2. High frequency power rectifier.
3. General purpose high voltage rectifier.
MECHANICAL DATA:
1. Case: epoxy resin molding.
2. Terminal: lead wire diameter 1.0mm.
3. Net weight: 120grams (approx).


Similar Part No. - HVQL2520

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HVQL20FR05KD GETEDZ-HVQL20FR05KD Datasheet
294Kb / 2P
HIGH VOLTAGE BRIDGE RECTIFIER
HVQL20FR08KD GETEDZ-HVQL20FR08KD Datasheet
294Kb / 2P
HIGH VOLTAGE BRIDGE RECTIFIER
HVQL20FR10KE GETEDZ-HVQL20FR10KE Datasheet
294Kb / 2P
HIGH VOLTAGE BRIDGE RECTIFIER
HVQL20FR15KE GETEDZ-HVQL20FR15KE Datasheet
294Kb / 2P
HIGH VOLTAGE BRIDGE RECTIFIER
HVQL20MB050D GETEDZ-HVQL20MB050D Datasheet
481Kb / 1P
2.0A 5.0kV--High Voltage Bridge Rectifier
More results

Similar Description - HVQL2520

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HVQL10MB200D GETEDZ-HVQL10MB200D Datasheet
472Kb / 1P
1.0A 20kV--High Voltage Bridge Rectifier
HVQL10MB200G GETEDZ-HVQL10MB200G Datasheet
472Kb / 1P
1.0A 20kV--High Voltage Bridge Rectifier
HVQL10MT200D GETEDZ-HVQL10MT200D Datasheet
472Kb / 1P
1.0A 20kV--High Voltage Bridge Rectifier
HVQL10MT200G GETEDZ-HVQL10MT200G Datasheet
473Kb / 1P
1.0A 20kV--High Voltage Bridge Rectifier
HVQL15MT200D GETEDZ-HVQL15MT200D Datasheet
473Kb / 1P
1.5A 20kV--High Voltage Bridge Rectifier
HVQL15MT200G GETEDZ-HVQL15MT200G Datasheet
473Kb / 1P
1.5A 20kV--High Voltage Bridge Rectifier
HVQL20MB200D GETEDZ-HVQL20MB200D Datasheet
472Kb / 1P
2.0A 20kV--High Voltage Bridge Rectifier
HVQL20MB200G GETEDZ-HVQL20MB200G Datasheet
472Kb / 1P
2.0A 20kV--High Voltage Bridge Rectifier
HVQL20MT200D GETEDZ-HVQL20MT200D Datasheet
472Kb / 1P
2.0 A 20kV--High Voltage Bridge Rectifier
HVQL20MT200G GETEDZ-HVQL20MT200G Datasheet
473Kb / 1P
2.0A 20kV--High Voltage Bridge Rectifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com