Electronic Components Datasheet Search
  English  ▼

X  

V370PDC Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # V370PDC
Description  High Performance PCI SDRAM Controller with Integrated Peripheral Control Unit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

V370PDC Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button V370PDC Datasheet HTML 5Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 6Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 7Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 8Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 9Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 10Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 11Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 12Page - List of Unclassifed Manufacturers V370PDC Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
V370PDC
Copyright © 1999, V3 Semiconductor Corp.
V370PDC_A0 Data Sheet Rev 1.01 DS-PD01-0101
9
3.0 DC Specifications
The DC specifications for the PCI bus signals match exactly those given in the PCI Specification, Rev.
2.2 Section 4.2.1.1. For more information on the PCI DC specifications, see the PCI Specification.
3.1
PCI Bus DC Specifications
Table 5: Absolute Maximum Ratings
Symbol
Parameter
Value
Units
VCC
Supply voltage
-0.3 to +3.6
V
VIN
DC input voltage
-0.3 to 6.0
V
TSTG
Storage temperature range
-55 to +125
°C
Table 6: Guaranteed Operating Conditions
Symbol
Parameter
Value
Units
VCC
Supply voltage
3.0 to 3.6
V
Jmax
Maximum junction temperature
125
°C
Theta Ja Thermal resistance (Package)
41 to 46
°C/w
Theta Jc Thermal resistance (Junction-Case)
21
°C/w
TA
Ambient temperature range
-40 to +85
°C
Table 7: PCI Bus Signals DC Operating Specifications
Symbol
Parameter
Condition
Min
Max
Units
Notes
VIH
Input high voltage
0.5VCC
VCC + 0.5
V
VIL
Input low voltage
-0.5
0.3VCC
V
IIH
Input high leakage current
0.7VCC
µA1
IIL
Input low leakage current
0 < VIN < VCC
+10
µA1
VOH
Output high voltage
IOUT = -500µA0.9VCC
V
VOL
Output low voltage
IOUT = 1500µA0.1VCC
V2
CIN
Input pin capacitance
10
pF
3
CCLK
PCLK pin capacitance
5
12
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com