Electronic Components Datasheet Search
  English  ▼

X  

BH1603FVC Datasheet(PDF) 2 Page - Rohm

Part # BH1603FVC
Description  Analog Current Output Type Ambient Light Sensor IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH1603FVC Datasheet(HTML) 2 Page - Rohm

  BH1603FVC Datasheet HTML 1Page - Rohm BH1603FVC Datasheet HTML 2Page - Rohm BH1603FVC Datasheet HTML 3Page - Rohm BH1603FVC Datasheet HTML 4Page - Rohm BH1603FVC Datasheet HTML 5Page - Rohm BH1603FVC Datasheet HTML 6Page - Rohm BH1603FVC Datasheet HTML 7Page - Rohm BH1603FVC Datasheet HTML 8Page - Rohm BH1603FVC Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
BH1603FVC
Technical Note
2/8
www.rohm.com
2012.02 - Rev.D
© 2012 ROHM Co., Ltd. All rights reserved.
●
Reference Data
Fig.9 IOUT VCC dependency
Fig.2 Light Source Dependency
( Fluorescent Light is set to '1' )
Fig.8 IOUT Temperature dependency
( 100 lx )
Fig.1 Spectral Response
Fig.3 Illuminance – IOUT
Characteristics
Fig.4 Directional Characteristics 1
Fig.5 Directional Characteristics 2
Fig.6 Ta – IOUT ( 0 lx )
Fig.7 Ta – ICC ( 0 lx )
Fig.10 Illuminance – Wake up Time
受信指向角特性
暗電流温特
0
0.2
0.4
0.6
0.8
1
1.2
-90
-60
-30
0
30
60
90
Angle [ deg ]
0
0.2
0.4
0.6
0.8
1
1.2
-90
-60
-30
0
30
60
90
Angle [ deg ]
-
+
-
+
1pin
1pin
0.0
0.2
0.4
0.6
0.8
1.0
1.2
400
500
600
700
800
900
1000
1100
Wavelength [ nm ]
0.001
0.01
0.1
1
10
100
-40 -20
0
20 40 60 80 100
Ta [ ℃ ]
L-Gain
H-Gain
SD
M-Gain
0.001
0.01
0.1
1
10
100
-40
-20
0
20
40
60
80
100
Ta [ ℃ ]
H-Gain
M-Gain
SD
L-Gain
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-40
-20
0
20
406080
100
Ta [ ℃ ]
0
0.2
0.4
0.6
0.8
1
1.2
1.4
2
2.5
3
3.5
4
4.5
5
5.5
6
VCC [ V ]
H-Gain
L-Gain
M-Gain
Illuminance [ lx ]
Illuminance [ lx ]
00.5
11.5
2
Fluorescent Light
Incandescent Light
Halogen Light
Kripton Light
Artifical Sun Light
White LED
Ratio
-
+
-
+
0.001
0.01
0.1
1
10
100
1000
10000
100000
0
1
100
10,000
1,000,000
H-Gain
M-Gain
L-Gain
0.01
1
10
100
1000
10000
100
1000
10000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com