Electronic Components Datasheet Search
  English  ▼

X  

BH1682FVC Datasheet(PDF) 3 Page - Rohm

Part # BH1682FVC
Description  Analog Current Output Type Ambient Light Sensor IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH1682FVC Datasheet(HTML) 3 Page - Rohm

  BH1682FVC Datasheet HTML 1Page - Rohm BH1682FVC Datasheet HTML 2Page - Rohm BH1682FVC Datasheet HTML 3Page - Rohm BH1682FVC Datasheet HTML 4Page - Rohm BH1682FVC Datasheet HTML 5Page - Rohm BH1682FVC Datasheet HTML 6Page - Rohm BH1682FVC Datasheet HTML 7Page - Rohm BH1682FVC Datasheet HTML 8Page - Rohm BH1682FVC Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3/11
BH1682FVC
TSZ02201-0M3M0F616040-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
13.May.2016 Rev.001
www.rohm.com
TSZ22111
• 15 • 001
Absolute Maximum Ratings (Ta = 25°C)
Parameter
Symbol
Rating
Unit
Supply Voltage
VCCMR
7
V
Input Voltage
VINMR
-0.3 to (VCC+0.3) or +7
whichever is less
V
Operating Temperature Range
Topr
-40 to +85
°C
Storage Temperature Range
Tstg
-40 to +100
°C
Maximum Junction Temperature
Tjmax
100
°C
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.
Thermal Resistance
(Note 1)
Parameter
Symbol
Thermal Resistance (Typ)
Unit
1s
(Note 3)
2s2p
(Note 4)
WSOF5
Junction to Ambient
θJA
466.9
131.0
°C/W
Junction to Top Characterization Parameter
(Note 2)
ΨJT
163
49
°C/W
(Note 1)Based on JESD51-2A(Still-Air)
(Note 2)The thermal characterization parameter to report the difference between junction temperature and the temperature at the top center of the outside
surface of the component package.
(Note 3)Using a PCB board based on JESD51-3.
Layer Number of
Measurement Board
Material
Board Size
Single
FR-4
114.3mm x 76.2mm x 1.57mmt
Top
Copper Pattern
Thickness
Footprints and Traces
70
μm
(Note 4)Using a PCB board based on JESD51-7.
Layer Number of
Measurement Board
Material
Board Size
4 Layers
FR-4
114.3mm x 76.2mm x 1.6mmt
Top
2 Internal Layers
Bottom
Copper Pattern
Thickness
Copper Pattern
Thickness
Copper Pattern
Thickness
Footprints and Traces
70
μm
74.2mm x 74.2mm
35
μm
74.2mm x 74.2mm
70
μm
Recommended Operating Conditions (Ta = -40°C to +85°C)
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VCC
2.3
3.0
5.5
V
Input Voltage
VIN
0
-
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com