Electronic Components Datasheet Search
  English  ▼

X  

WT7513 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WT7513
Description  provides protection circuits, power good output(PGO)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WT7513 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WT7513 Datasheet HTML 1Page - List of Unclassifed Manufacturers WT7513 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image




Weltrend Semiconductor, Inc.
 242
2F, No. 24, Industry E. 9
th RD., Science-Based Industrial Park, Hsin-Chu, Taiwan
TEL:886-3-5780241 FAX:886-3-5794278.5770419
Email:support@weltrend.com.tw
WT7513
GENERAL DESCRIPTION
The WT7513 provides protection circuits, power good output(PGO), fault protection latch(FPOB),
and a protection detector function (PSONB) control. It can minimize external components of switching
power supply systems in personal computer.
The Over Voltage Detector(OVD) monitors 3.3V, 5V, 12V input voltage level. The Over Current
Detector (OCD) monitor IS33, IS5, IS12 input current sense :
(1).When OVD or OCD detect the fault voltage level or current sense, the FPOB is latched HIGH.
The PSONB will resets the fault protection latch from LOW to HIGH.
(2).When OVD and OCD and UVD detect the right voltage level, the power good output(PGO) from
LOW to HIGH will be issue.
Add an external resistor between RI pin and GND pin to get an accurate current IRI.
FEATURES
• The Over Voltage Detector(OVD) monitors 3.3V, 5V, 12V input voltage level.
• The Over Current Detector (OCD) monitor IS33, IS5, IS12 input current sense.
• Provide OVD/OCD and lock out for input voltage 3.3V, 5V, 12V
• Both of the power good output(PGO) & fault protection latch(FPOB) with Open Drain Output Stage.
• 300 ms time delay for PGO.
• 38 ms for PSONB input signal Debounce.
• 73 us for internal signal De-glitches.
• 1.2 ms time delay for PSONB turn-off FPOB.
PIN CONFIGURATION
WT7513-N141WT
WT7513-N140WT


Similar Part No. - WT7513

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT7510 ETC2-WT7510 Datasheet
62Kb / 1P
The Over Voltage Detector (OVD) monitors 3.3V, 5V, 12V input voltage level
logo
Weltrend Semiconductor
WT751002 WELTREND-WT751002 Datasheet
235Kb / 8P
PC POWER SUPPLY SUPERVISOR
REV. 1.00 August 20, 2002
WT751002-N080WT WELTREND-WT751002-N080WT Datasheet
235Kb / 8P
PC POWER SUPPLY SUPERVISOR
REV. 1.00 August 20, 2002
WT751002-S080WT WELTREND-WT751002-S080WT Datasheet
235Kb / 8P
PC POWER SUPPLY SUPERVISOR
REV. 1.00 August 20, 2002
logo
List of Unclassifed Man...
WT7511 ETC-WT7511 Datasheet
61Kb / 1P
protection circuits, power good output (PGO), fault protection latch (FPL_N) and a protection detector function (PDON_N) control
More results

Similar Description - WT7513

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT7515 ETC-WT7515 Datasheet
64Kb / 2P
provides protection circuits
WT7511 ETC-WT7511 Datasheet
61Kb / 1P
protection circuits, power good output (PGO), fault protection latch (FPL_N) and a protection detector function (PDON_N) control
logo
Microsemi Corporation
IN6461 MICROSEMI-IN6461 Datasheet
68Kb / 2P
HIGH SUGRE CAPACITY PROVIDES TRANSIENT PROTECTION FOR MOST CRITICAL CIRCUITS.
logo
AAEON Technology
PFM-P01A AAEON-PFM-P01A Datasheet
164Kb / 1P
Provides 5V DC Output with Power over Ethernet
logo
Microsemi Corporation
JANTX1N647-1 MICROSEMI-JANTX1N647-1 Datasheet
185Kb / 3P
High surge current and peak pulse power provides transient voltage protection for sensitive circuits
logo
New Jersey Semi-Conduct...
1N6103A NJSEMI-1N6103A Datasheet
89Kb / 1P
HIGH SURGE CAPACITY PROVIDES TRANSIENT PROTECTION FOR MOST CRITICAL CIRCUITS
logo
STMicroelectronics
ST1S14 STMICROELECTRONICS-ST1S14 Datasheet
2Mb / 46P
Power good open collector output
04-Mar-2013
logo
Artesyn Technologies
SIL60C2 ARTESYN-SIL60C2 Datasheet
770Kb / 3P
Power good output signal
logo
New Jersey Semi-Conduct...
1N6461 NJSEMI-1N6461 Datasheet
80Kb / 1P
HIGH SURGE CAPACITY PROVIDES TRANSIENT PROTECTION FOR MOST CRITICAL CIRCUITS.
logo
Maxim Integrated Produc...
MAX15053EVKIT MAXIM-MAX15053EVKIT Datasheet
1,007Kb / 7P
Enable Input/Power-Good Output
Rev 0; 5/10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com