Electronic Components Datasheet Search
  English  ▼

X  

RJ-4 Datasheet(PDF) 2 Page - Copal Electronics

Part # RJ-4
Description  SINGLE TURN CERMET TRIMMERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

RJ-4 Datasheet(HTML) 2 Page - Copal Electronics

  RJ-4 Datasheet HTML 1Page - Copal Electronics RJ-4 Datasheet HTML 2Page - Copal Electronics RJ-4 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Test item
Test conditions
Specifications
Thermal shock
Humidity
Shock
Vibration
Load life
Low temp. operation
High temp. exposure
Immersion seal
Soldering heat
Mechanical angle
Operating torque
Stop strength
Rotational life
Thrust to rotor
Solderability
Terminal strength
Nominal resistance range
Resistance tolerance
Power ratings
Resistance law
Maximum input voltage
Maximum wiper current
Effective electrical angle
End resistance
C.R.V.
Operating temp. range
Temp. coefficient
Insulation resistance
Dielectric strength
Net weight
Adjustment
position
Top adjustment
Side adjustment
Pieces in
package
Form of packaging
Plastic bag
※ The above part numbers are all available with the respective combination of
<Nominal resistance values> (Fig. 1).
※Verify the above part numbers when placing orders.
■ LIST OF PART NUMBERS
RJ-4EW
RJ-4EWS
50 pcs./pack
〈Nominal resistance values〉
A10 Ω A20 Ω 50 Ω 100 Ω 200 Ω 500 Ω 1 kΩ
2 k
Ω
5 k
Ω
10 k
Ω 20 kΩ 50 kΩ 100 kΩ 200 kΩ 500 kΩ 1 MΩ
2 M
Ω
Δ R/R:Change in total resistance
S.S.
:Setting stability
■ ELECTRICAL CHARACTERISTICS
■ MECHANICAL CHARACTERISTICS
10
Ω ~ 2 MΩ
± 10 %
0.5 W (70 °C) 0 W (120 °C)
(B)Linear law
DC200 V or power rating, whichever is smaller
100 mA or power rating, whichever is smaller
200 ° (1 turn)
1 % or 2
Ω, whichever is greater
1 % or 3
Ω, whichever is greater
−55 ~ 120 °C
10
Ω ~ 50 Ω : ± 250 10-6/°C maximum
100
Ω ~ 2 MΩ : ± 100 10-6/°C maximum
1000 M
Ω minimum (DC500 V)
AC500 V, 60 s
Approx. 0.26 g (RJ-4EW)
Approx. 0.35 g (RJ-4EWS)
230 ° (1 turn)
15 mN·m {153 gf·cm} maximum
45 mN·m {459 gf·cm} minimum
200 cycles
10
Ω ~ 200 Ω [ΔR/R ≦ ± (0.5 Ω +3 %)]
500
Ω ~ 2 MΩ [ΔR/R ≦ ± (0.5 Ω +2 %)]
10 N {1.02 kgf} minimum
245
± 3 °C, 2 ~ 3 s
10 N {1.02 kgf} minimum
(Tensile strength)
■ ENVIRONMENTAL CHARACTERISTICS
−65 ~ 125 °C (0.5 h),
5 cycles
[
ΔR/R ≦ 1 %]
[S.S.
≦ 1 %]
−10 ~ 65 °C (80 ~ 98 %),
10 cycles, 240 h
[
ΔR/R ≦ 1 %]
981 m/s
2, 6 ms
6 directions for 3 times each
[
ΔR/R ≦ 1 %]
[S.S.
≦ 1 %]
(Amplitude) 1.52 mm or
(Acceleration) 196 m/s
2,
10 ~ 2000 Hz, 3 directions, 12 times each
70 °C, 0.5 W
1000 h
[
ΔR/R ≦ 3 %]
[S.S.
≦ 1 %]
−55 °C, 2 h
[
ΔR/R ≦ 2 %]
[S.S.
≦ 2 %]
120 °C, 250 h
[
ΔR/R ≦ 3 %]
[S.S.
≦ 2 %]
85 °C, 60 s
No leaks (No continuous bubbles)
Flow
:
260
± 3 ° C、5 ~ 6 s, two times
Manual soldering
:
380
± 10 °C, 3 ~ 4 s
[
ΔR/R ≦ 1 %]
Fig. 1
The products indicated by
A mark are manufactured upon receipt of
order basis.
RJ-4
CERMET TRIMMERS
{ }:Reference only



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com