Electronic Components Datasheet Search
  English  ▼

X  

XR215 Datasheet(PDF) 4 Page - Exar Corporation

Part # XR215
Description  Monolithic Phase Locked Loop
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR215 Datasheet(HTML) 4 Page - Exar Corporation

  XR215 Datasheet HTML 1Page - Exar Corporation XR215 Datasheet HTML 2Page - Exar Corporation XR215 Datasheet HTML 3Page - Exar Corporation XR215 Datasheet HTML 4Page - Exar Corporation XR215 Datasheet HTML 5Page - Exar Corporation XR215 Datasheet HTML 6Page - Exar Corporation XR215 Datasheet HTML 7Page - Exar Corporation XR215 Datasheet HTML 8Page - Exar Corporation XR215 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
XR-215A
4
Rev. 1.01
DC ELECTRICAL CHARACTERISTICS
Test Conditions: VCC= 12V (single supply), TA = 25°C, Test Circuit of Figure 3 with C0 = 100 pF,
(silver-mica) S1,S2, S5, closed, S3, S4 open unless otherwise specified.
Parameter
Min.
Typ.
Max.
Unit.
Conditions
GENERAL CHARACTERISTICS
Supply Voltage
Single Supply
5
26
V
Figure 3
Split Supply
+2.5
+13
V
Figure 4
Supply Current
8
11
15
mA
Figure 3
Upper Frequency Limit
20
25
MHz
Figure 3, S1 Open, S4 Closed
Lowest Practical Operating
Frequency
0.5
Hz
C0 = 500mF (Non-Polarized)
VCO Section
Stability:
Temperature
250
600
ppm/
°C See Figure 7, 0°C  TT < 70°C
Power Supply
0.1
%/V
VCC > 10V
Sweep Range
5:1
8:1
S3 Closed, S4 Open, 0 < VS < 6V
See
Figure 10, C0 = 2000pF
Output Voltage Swing
1.5
2.5
Vp-p
S5 Open
Rise Time
20
ns
Fall Time
30
ns
10pF to Ground at Pin 15
Phase Comparator Section
Conversion Gain
2
V/rad
VIN > 50mV rms (See Characteristic Curves)
Output Impedance
6
k
W
Measured Looking into Pins 2 or 3
Output Offset Voltage
20
100
mV
Measured Across Pins 2 and 3
VIN = 0, S5 Open
OP AMP Section
Open Loop Voltage Gain
66
80
dB
S2 Open
Slew Rate
2.5
V/
msec
AV = 1
Input Impedance
0.5
2
M
W
Output Impedance
2
k
W
Output Swing
7
10
Vp-p
RL = 30kW From Pin 8 to Ground
Input Offset Voltage
1
10
mV
Input Bias Current
80
nA
Common Mode Rejection
90
dB
Note:
Bold face parameters are covered by production test and guaranteed over operating temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com