Electronic Components Datasheet Search
  English  ▼

X  

XRT8001 Datasheet(PDF) 3 Page - Exar Corporation

Part # XRT8001
Description  WAN Clock for T1 and E1 Systems
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8001 Datasheet(HTML) 3 Page - Exar Corporation

  XRT8001 Datasheet HTML 1Page - Exar Corporation XRT8001 Datasheet HTML 2Page - Exar Corporation XRT8001 Datasheet HTML 3Page - Exar Corporation XRT8001 Datasheet HTML 4Page - Exar Corporation XRT8001 Datasheet HTML 5Page - Exar Corporation XRT8001 Datasheet HTML 6Page - Exar Corporation XRT8001 Datasheet HTML 7Page - Exar Corporation XRT8001 Datasheet HTML 8Page - Exar Corporation XRT8001 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
XRT8001
3
Rev. 1.01
1
2
3
4
5
6
7
9
8
10
11
12
13
14
15
16
18
17
XRT8001
SDO
SYNC
FIN
GND
GND
CLK1
VCC
MSB
GND
VCC
LOCKDET
VCC
CLK2
GND
VCC
SDI
CS
SCLK
Figure 3. XRT8001 PIN OUT
PIN DESCRIPTION
Pin #
Name
Type
Description
1
SDO
O
Serial Data Output from the Microprocessor Serial Interface
This pin will serially output the contents of the specified Command
Register, during “Read” Operations. The data, on this pin, will be
updated on the falling edge of the SCLK input signal. This pin will be tri-
stated upon completion of data transfer.
2
SYNC
O
Sync Output - The XRT8001 will typically output an 8kHz clock signal
via this output pin.
However, when the XRT8001 is operating in the “High Speed - Reverse”
Mode, then this device will simply output a 64kHz clock signal.
3
FIN
I
Reference Clock Input - The Reference Timing signal (from which the
CLK1 and CLK2 output signals are derived) is to be input via this pin.
4
GND
-
Digital Ground
5
GND
-
Digital Ground
6
CLK1
O
Clock Output 1 - The XRT8001 will drive the desired “synthesized”
signal via this output pin. This output signal will have a 50+5% duty
cycle.
Note: This output pin is tri-stated unless the “CLK1EN” bit-field (within
Command Register CR4) has been set to “1”.
7
V
CC
-
Digital Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com