Electronic Components Datasheet Search
  English  ▼

X  

253 Datasheet(PDF) 1 Page - Littelfuse

Part # 253
Description  Axial Lead & Cartridge Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

253 Datasheet(HTML) 1 Page - Littelfuse

  253 Datasheet HTML 1Page - Littelfuse 253 Datasheet HTML 2Page - Littelfuse 253 Datasheet HTML 3Page - Littelfuse 253 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 10/10/16
Axial Lead & Cartridge Fuses
PICO® ll > Very Fast-Acting Fuse > 251/253 Series
251/253 Series, PICO® II Very Fast-Acting Fuse
Description
The PICO® II Very Fast-Acting Fuse is designed to meet an
extensive array of performance characteristics in a
space-saving subminiature package.
Agency Approvals
Agency
Agency File
Number
253 Series
Agency File Number
251 Series
Ampere Range
N/A
E10480
0.062A - 15A
N/A
29862
0.062A - 15A
PS
E
N/A
PSE_NBK200416-
JP1021
1A - 5A
N/A
J50158379
0.500A - 10A
QPL
FM10
N/A
0.062A - 15A
N/A
2009010207366577
0.500A, 1A, 2A,
2.5A, 3A, 4A, 5A
Features
Electrical Characteristics for Series
% of Ampere
Rating
Ampere Rating
OpeningTime
100%
0.062A - 15A
4 Hours, Min.
200%
0.062A - 7A
1 Second, Max.
10A
3 Seconds, Max.
12 - 15A
10 Seconds, Max.
275%
0.500A, 1A, 2A,
2.5A, 3A, 4A, 5A,
7A, 10A
300 msecs., Max.
400%
0.05A, 1A, 2A,
2.5A, 3A, 4A, 5A,
7A, 10A
30 msecs., Max.
1000%
0.500A, 1A, 2A,
2.5A, 3A, 4A, 5A,
7A, 10A
4 msecs., Max.
Applications
PS
E
• Flat–panel display TV
• LCD monitor
• LCD backlight inverter
• Office machines
• Power supply
• Audio/Video system
• Lighting system
• Medical equipment
Secondary protection for space constrained applications
QPL
• Very fast-acting
• Small size
• Wide current rating range
(0.062A- 15A)
• Halogen-free available
• Wide operating
temperature range
• Low temperature re-rating
Application testing is strongly recommended.
Additional Information
Datasheet
Samples
Resources
Datasheet
Samples
Resources
251 Series
253 Series
251 Series
253 Series
251 Series
253 Series


Similar Part No. - 253

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
253 CTS-253 Datasheet
4Mb / 2P
Two Axis, Ministick Controller With Optional Momentary Switch
logo
Marl International Limi...
253 MARL-253 Datasheet
275Kb / 5P
Direct replacement for T2 BA7s
logo
List of Unclassifed Man...
253 ETC2-253 Datasheet
335Kb / 1P
T-1 3/4 STANDARD MIDGET GROOVE
logo
3M Electronics
253 3M-253 Datasheet
14Kb / 2P
Silicone Splicing Tape
05-May-2002
logo
Christian Bürkert GmbH ...
253 BURKERT-253 Datasheet
79Kb / 4P
2/2-Way Solenoid Valve
22.09.2017
More results

Similar Description - 253

ManufacturerPart #DatasheetDescription
logo
Littelfuse
505 LITTELFUSE-505 Datasheet
176Kb / 3P
Axial Lead & Cartridge Fuses
208 LITTELFUSE-208 Datasheet
190Kb / 4P
Axial Lead & Cartridge Fuses
209 LITTELFUSE-209 Datasheet
454Kb / 4P
Axial Lead & Cartridge Fuses
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0473.750YRT1L LITTELFUSE-0473.750YRT1L Datasheet
341Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
04732.25MRT1HF LITTELFUSE-04732.25MRT1HF Datasheet
341Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0219005.MXAP LITTELFUSE-0219005.MXAP Datasheet
172Kb / 4P
Axial Lead & Cartridge Fuses
3004M LITTELFUSE-3004M Datasheet
218Kb / 4P
Axial Lead Cartridge Fuses
507 LITTELFUSE-507 Datasheet
573Kb / 3P
Axial Lead & Cartridge Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com