Electronic Components Datasheet Search
  English  ▼

X  

LM2586 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2586
Description  SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2586 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM2586 Datasheet HTML 11Page - National Semiconductor (TI) LM2586 Datasheet HTML 12Page - National Semiconductor (TI) LM2586 Datasheet HTML 13Page - National Semiconductor (TI) LM2586 Datasheet HTML 14Page - National Semiconductor (TI) LM2586 Datasheet HTML 15Page - National Semiconductor (TI) LM2586 Datasheet HTML 16Page - National Semiconductor (TI) LM2586 Datasheet HTML 17Page - National Semiconductor (TI) LM2586 Datasheet HTML 18Page - National Semiconductor (TI) LM2586 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Typical Flyback Regulator Applications (Continued)
Transformer Selection (T)
Figure 13 lists the standard transformers available for flyback regulator applications. Included in the table are the turns ratio(s) for
each transformer, as well as the output voltages, input voltage ranges, and the maximum load currents for each circuit.
DS012516-32
FIGURE 12. Triple-Output Flyback Regulator
Applications
Figure 7
Figure 8
Figure 9
Figure 10
Figure 11
Figure 12
Transformers
T7
T7
T7
T6
T6
T5
V
IN
4V–6V
4V–6V
8V–16V
4V–6V
18V–36V
18V–36V
V
OUT1
3.3V
5V
12V
12V
12V
5V
I
OUT1 (Max)
1.4A
1A
0.8A
0.15A
0.6A
1.8A
N
1
1
1
1
1.2
1.2
0.5
V
OUT2
−12V
−12V
12V
I
OUT2(Max)
0.15A
0.6A
0.25A
N
2
1.2
1.2
1.15
V
OUT3
−12V
I
OUT3 (Max)
0.25A
N
3
1.15
FIGURE 13. Transformer Selection Table
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com