Electronic Components Datasheet Search
  English  ▼

X  

ER3GA Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # ER3GA
Description  Super Fast Recovery Time
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

ER3GA Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  ER3GA Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd ER3GA Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd ER3GA Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd ER3GA Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd ER3GA Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd ER3GA Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0247, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
ER3GA
ER3GA ULTRAFAST PLASTIC RECTIFIER
Features:
•
Glass Passivated Die Construction
•
Ideally Suited for Automatic Assembly
•
Low Forward Voltage Drop, High Efficiency
•
Surge Overload Rating to 100 A Peak
•
Low Power Loss
•
Super Fast Recovery Time
•
Plastic Case Material has UL Flammability Classification Rating 94V-O
•
Green Products in Compliance with the ROHS Directive
•
This is a Pb − Free Device
•
All SMC parts are traceable to the wafer lot
•
Additional testing can be offered upon request
Mechanical Data:
•
Case: Low Profile Molded Plastic
•
Terminals: Solder Plated, Solderable per MIL-STD-750, Method 2026
•
Polarity :Cathode Band or Cathode Notch
•
Weight: 0.68 grams (approx.)
•
Marking: Type Number
Mechanical Dimensions: In mm / Inches
OPTION 1


Similar Part No. - ER3GA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER3GA PANJIT-ER3GA Datasheet
113Kb / 6P
For surface mounted applications
ER3GAF PANJIT-ER3GAF Datasheet
202Kb / 5P
For surface mounted applications in order to optimize board space
More results

Similar Description - ER3GA

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SFM31 FORMOSA-SFM31 Datasheet
70Kb / 2P
Super fast recovery type
logo
Shindengen Electric Mfg...
DF10LC30 SHINDENGEN-DF10LC30 Datasheet
558Kb / 2P
Super Fast Recovery Diode
M2FL20U SHINDENGEN-M2FL20U Datasheet
605Kb / 2P
Super Fast Recovery Diode
logo
Chongqing Pingwei Enter...
SF31 CHONGQING-SF31 Datasheet
40Kb / 1P
SUPER FAST RECOVERY RECTIFIER
SF51 CHONGQING-SF51 Datasheet
39Kb / 1P
SUPER FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
EST2AF PANJIT-EST2AF Datasheet
111Kb / 5P
Super fast recovery time, high voltage
logo
Thinki Semiconductor Co...
F10P20F THINKISEMI-F10P20F Datasheet
689Kb / 2P
Latest GPP technology with super fast recovery time
F10P20FR THINKISEMI-F10P20FR Datasheet
667Kb / 2P
Latest GPP technology with super fast recovery time
logo
Sangdest Microelectroni...
ER3EA SMC-ER3EA Datasheet
205Kb / 6P
Super Fast Recovery Time
FTB1F-15F SMC-FTB1F-15F Datasheet
161Kb / 5P
Fast reverse recovery time
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com