Electronic Components Datasheet Search
  English  ▼

X  

400 Datasheet(PDF) 1 Page - Littelfuse

Part # 400
Description  Radial Lead Fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

400 Datasheet(HTML) 1 Page - Littelfuse

  400 Datasheet HTML 1Page - Littelfuse 400 Datasheet HTML 2Page - Littelfuse 400 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 05/14/14
Radial Lead Fuses
TE5® > Time-Lag > 400 Series
400 Series, TE5®, Time-Lag Fuse
Agency Approvals
Agency
Agency File Number
Ampere Range
E67006
800mA – 6.3A
JET1896-31007-2001
JET1896-31007-1003
1A – 5A
6.3A
DE1-40597
500mA – 6.3A
CQC09012031624
500mA – 6.3A
SUS05024-9004
500mA – 800mA
SUS05024-9003
1A – 2.5A
SUS05024-9001
3.15A
SUS05024-10003
4A – 5A
SUS05024-9002
6.3A
Features
Electrical Characteristics
• Lead-freeandRoHS
Compliant
• ReducedPCBspace
requirements
• Directsolderableorplug-
inversions
• Lowinternalresistance
• Shocksafecasing
• Vibrationresistant
• Halogen-free
% of Ampere
Rating
OpeningTime
150%
1Hour,Minimum
210%
120Secs.,Maximum
275%
400ms,Minimum;10Secs.,Maximum
400%
150ms,Minimum;3Secs.,Maximum
1000%
20ms,Minimum;150ms,Maximum
Electrical Characteristics
Amp
Code
Rated
Current
Rated
Voltage
Breaking Capacity
Voltage
Drop
1.0×I
N
max. (mV)
Power
Dissipation
1.0×I
N
max. (mW)
Melting
Integral
10×I
N
max. (A2s)
Agency Approvals
0500
500mA
250V
130A/250VAC*
50-60Hzcosϕ = 1.0
165
297
2.17
x
x
x
x
0800
800mA
250V
116
387
6.72
x
x
x
x
1100
1.00A
250V
89
432
9.63
x
x
x
x
x
1125
1.25A
250V
76
411
14.44
x
x
x
x
x
1160
1.60A
250V
76
601
21.75
x
x
x
x
x
1200
2.00A
250V
75
758
32.16
x
x
x
x
x
1250
2.50A
250V
61
683
61.94
x
x
x
x
x
1315
3.15A
250V
55
921
101.61
x
x
x
x
x
1400
4.00A
250V
65
936
133.40
x
x
x
x
x
1500
5.00A
250V
56
948
216.50
x
x
x
x
x
1630
6.30A
250V
48
926
318.71
x
x
x
x
x
*PerVDE,approvedbreakingcapacityisat100A,250VAC
The400SeriesisaTE5®,Time-Lagtypesubminiaturefuse
designedforovercurrentprotection.Itis250Vratedand
designedinaccordancetoIEC60127-3.
Description
Applications
• Batterychargers
• Consumerelectronics
• Powersupplies
• Industrialcontrollers
Additional Information
Datasheet
Samples
Resources


Similar Part No. - 400

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
400 E-SWITCH-400 Datasheet
699Kb / 5P
ROCKER SWITCHES - SUB-MINIATURE
logo
Bi technologies
400 BITECH-400 Datasheet
255Kb / 3P
Precision Potentiometer / Position Sensor
logo
ebm-papst
400 EBMPAPST-400 Datasheet
375Kb / 3P
DC axial fans
400 EBMPAPST-400 Datasheet
704Kb / 3P
DC axial fans
400 EBMPAPST-400 Datasheet
345Kb / 3P
DC axial fans
More results

Similar Description - 400

ManufacturerPart #DatasheetDescription
logo
Littelfuse
275020 LITTELFUSE-275020 Datasheet
76Kb / 2P
Axial and Radial Lead Fuses
logo
Cooper Bussmann, Inc.
SR-5 COOPER-SR-5 Datasheet
370Kb / 2P
Radial lead through-hole fuses
logo
Littelfuse
3691.000000 LITTELFUSE-3691.000000 Datasheet
173Kb / 3P
Radial Lead Fuses
383 LITTELFUSE-383 Datasheet
172Kb / 3P
Radial Lead Fuses
39208000000 LITTELFUSE-39208000000 Datasheet
204Kb / 3P
Radial Lead Fuses
0275030.M- LITTELFUSE-0275030.M- Datasheet
85Kb / 2P
Axial and Radial Lead Fuses
37215000411 LITTELFUSE-37215000411 Datasheet
221Kb / 4P
Radial Lead Fuses
39511000000 LITTELFUSE-39511000000 Datasheet
196Kb / 3P
Radial Lead Fuses
36911600000 LITTELFUSE-36911600000 Datasheet
176Kb / 3P
Radial Lead Fuses
39516300440 LITTELFUSE-39516300440 Datasheet
205Kb / 4P
Radial Lead Fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com