Electronic Components Datasheet Search
  English  ▼

X  

FAB1002001 Datasheet(PDF) 1 Page - Power System Technology

Part # FAB1002001
Description  FAB1002001
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

FAB1002001 Datasheet(HTML) 1 Page - Power System Technology

  FAB1002001 Datasheet HTML 1Page - Power System Technology FAB1002001 Datasheet HTML 2Page - Power System Technology FAB1002001 Datasheet HTML 3Page - Power System Technology FAB1002001 Datasheet HTML 4Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This compact PCI format type of DC/DC has been designed for defense and hard environment applications.
Based on Vicor, it implement EMI filtering, transient protection MIL-STD1275A.
Voltage range :
18-36Vdc, stanag 1008
Input protection :
Transient and surges MIL-STD1275A, MIL-STD 704E
Overcurrent:
By Fuse
Reverse polarity :
By series diode
Voltage :
V1 : 5V / 10A ( 20A max), V1 + V2 not exceed 100W
V2 : 3V3 / 10A
V4 : +12V / 1,6A
V3 : 12V/ 8A (12A max.)
V5 : -12V / 1,6A
Power :
220W
Current limit, short circuit : protected on every output
Overvoltage
: protected on every output
Typ.
Line regulation
Load regulation
Ripple and noise
Current limit
+/- 0,2 %
+/- 0,4 % (V1, V2, V3)
+/- 1 % (V4, V5)
1 %
115 %
of I nom.
Low line to high line ;
full load
0 % to full load
Peak to peak -
Bandwidth 20MHz
according to o/p voltage
Vout = 95% of nominal;
Automatic restart
+/-1 %
+/- 1 % (V1, V2, V3)
+/- 2 % (V4, V5)
2 %
135 %
of I nom.
V 1, V2, V3, V4, V5
Conditions
Max.
►3U * 8TE * 160 mm, compact PCI format PICMG 2.11, standard 47pts connector
►Vin : 18-36Vdc
►5 Outputs
►Pout max : 220W
►Ruggedized for Defense applications
►Conduction cooled, wedgelock
Safety IEC/EN 60950-1, RoHS : consult factory
FAB1002001
Features
Applications
INPUT
OUTPUT
FAB1002001 Rev. 00
Page 1 of 4
www.powersystemtechnology.com


Similar Part No. - FAB1002001

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
FAB100 AXIOMTEK-FAB100 Datasheet
931Kb / 1P
PICMG 1.3 SHB Express Full-size Backplanes
logo
Power System Technology
FAB1003005 PST-FAB1003005 Datasheet
508Kb / 1P
FAB1003005
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com