Electronic Components Datasheet Search
  English  ▼

X  

PST10 Datasheet(PDF) 3 Page - Power System Technology

Part # PST10
Description  Industrial DIN RAIL mounting application
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST10 Datasheet(HTML) 3 Page - Power System Technology

  PST10 Datasheet HTML 1Page - Power System Technology PST10 Datasheet HTML 2Page - Power System Technology PST10 Datasheet HTML 3Page - Power System Technology PST10 Datasheet HTML 4Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MECHANICALS
PIN
1
Earth
DESCRIPTION
INPUT : Phoenix GMKDS 3/3-7,62
INPUT CONNECTION
EARTH
+ IN
- IN
1
2
3
CN1
OUTPUT CONNECTION WITH N+1
LOCAL SENSING
LOAD
+V Red
0V
+S
-S
1
2
1
2
CN2
CN4
OUTPUT CONNECTION WITH N+1
REMOTE SENSING
LOAD
+V Red
0V
+S
-S
1
2
1
2
CN2
CN4
OUTPUT CONNECTION WITHOUT N+1
LOCAL SENSING
LOAD
+V
0V
+S
-S
1
2
1
2
CN3
CN4
OUTPUT CONNECTION WITHOUT N+1
REMOTE SENSING
LOAD
+V
0V
+S
-S
1
2
1
2
CN3
CN4
2
+ IN
3
- IN
CN5
1
Common
DESCRIPTION
OUTPUT : PGood - Phoenix MKDS 3/3-5,08
2
Open if output OK
3
Closed if output OK
CN3
1
+ V
DESCRIPTION
INPUT : Phoenix 3/2-5,08
2
0V
CN2
1
+ V
DESCRIPTION
INPUT : Phoenix 3/2-5,08
2
0V
CN4
1
- sense
DESCRIPTION
OUTPUT : Sense compensation - Phoenix 3/2-5,08
2
+ sense
CN5
CN4 CN3 CN2
PST10
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com