Electronic Components Datasheet Search
  English  ▼

X  

KBJ4005G Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # KBJ4005G
Description  Low forward voltage drop
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

KBJ4005G Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  KBJ4005G Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd KBJ4005G Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd KBJ4005G Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd KBJ4005G Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Green Products
Data Sheet N1818, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
KBJ4005G THRU KBJ410G
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Maximum Ratings:
Type Number
Symbol
KBJ
4005G
KBJ
401G
KBJ
402G
KBJ
404G
KBJ
406G
KBJ
408G
KBJ
410G
Unit
Maximum Recurrent Peak Reverse Voltage
Maximum DC Blocking Voltage
VRRM
VDC
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum Average Forward
Rectified Current
@TC = 115°C
I(AV)
4.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
120
A
Electrical Characteristics:
Type Number
Symbol
KBJ
4005G
KBJ
401G
KBJ
402G
KBJ
404G
KBJ
406G
KBJ
408G
KBJ
410G
Unit
Maximum Forward Voltage
@IF =2.0A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage @TA = 125°C
IR
5.0
500
µA
Typical Junction Capacitance (Note 1)
CJ
40
pF
Thermal-Mechanical Specifications:
Type Number
Symbol
KBJ
4005G
KBJ
401G
KBJ
402G
KBJ
404G
KBJ
406G
KBJ
408G
KBJ
410G
Unit
Typical Thermal Resistance (Note 2)
RθJC
5.5
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Case Style
KBJ
Note: 1. Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2. Thermal Resistance from Junction to Case with Device Mounted on 75mm x 75mm x 1.6mmC u Plate Heatsink.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com