Electronic Components Datasheet Search
  English  ▼

X  

CG4 Datasheet(PDF) 1 Page - Littelfuse

Part # CG4
Description  Gas Discharge Tube (GDT) Products
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CG4 Datasheet(HTML) 1 Page - Littelfuse

  CG4 Datasheet HTML 1Page - Littelfuse CG4 Datasheet HTML 2Page - Littelfuse CG4 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Gas Discharge Tube (GDT) Products
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 06/30/16
CG4 Series
Description
Littelfuse CG4 Gas Discharge Tubes (GDT) series
provides high levels of protection against fast rising
transients caused by lightning disturbances. Offered
in a miniature surface mount package, it has a surge
rating of 3kA 8/20μs.
Littelfuse CG4 mini GDTs are high voltage (800-
3000V) devices designed for surge protection and
high isolation applications. It is also suitable for
applications for which bias voltage or signal levels of
several hundred volts are normally present.
This CG4 mini GDTs are also suitable for applications
with bias voltages or signal levels of several hundred
volts. It can be used in conjunction with Littelfuse
MOV (Metal Oxide Varistor) to provide superior
protection performance.
Features
• Voltage Ranges 800V to
3000V
• Excellent response to
fast rising transients
• 3kA 8/20μs surge rating
• UL 1449 recognized
• Offered with two
squared terminals
• Non-Radioactive
• Ultra Low capacitance
(<0.8pF)
• RoHS compliant and
Lead-free
Applications
• CATV equipment
• Antennas
• Air conditioning
• EV Power Station
• Inverters/Variable
Frequency Drives ( VFD)
• IEEE 803.2 compliant
Ethernet interfaces
• Power Supplies
• Medical electronics
• Test Equipment
• Renewable Energy
AGENCY
AGENCY FILE NUMBER
E320116
Agency Approvals
CG4 Series
RoHS
Two Electrode GDT Graphical Symbol


Similar Part No. - CG4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CG40 MACOM-CG40 Datasheet
468Kb / 3P
Voltage-Controlled Attenuator Module 500 to 4000 MHz
logo
M/A-COM Technology Solu...
CG40 MA-COM-CG40 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module 500 to 4000 MHz
logo
Schurter Inc.
CG40.6101.151 SCHURTER-CG40.6101.151 Datasheet
563Kb / 5P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
CG40.6101.151 SCHURTER-CG40.6101.151 Datasheet
635Kb / 6P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
04.01.2022
logo
Cornell Dubilier Electr...
CG400T450R2C CDE-CG400T450R2C Datasheet
264Kb / 2P
Reliable Screw Terminal Aluminum Electrolytic Capacitor 85 ?C, Screw Terminal Capacitors
More results

Similar Description - CG4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
Gas Discharge Tube (GDT) Products
CG75L LITTELFUSE-CG75L Datasheet
780Kb / 6P
Gas Discharge Tube (GDT) Products
CG2230L LITTELFUSE-CG2230L Datasheet
780Kb / 6P
Gas Discharge Tube (GDT) Products
SL1002A350SM LITTELFUSE-SL1002A350SM Datasheet
212Kb / 5P
Gas Discharge Tube (GDT) Products
CG2.230L LITTELFUSE-CG2.230L Datasheet
780Kb / 6P
Gas Discharge Tube (GDT) Products
SG350Q LITTELFUSE-SG350Q Datasheet
750Kb / 4P
Gas Discharge Tube (GDT) Products
SL0902A090SM LITTELFUSE-SL0902A090SM Datasheet
1Mb / 5P
Gas Discharge Tube (GDT) Products
SL1021B400R LITTELFUSE-SL1021B400R Datasheet
185Kb / 5P
Gas Discharge Tube (GDT) Products
SL1011A230A LITTELFUSE-SL1011A230A Datasheet
420Kb / 6P
Gas Discharge Tube (GDT) Products
SL1003A090R LITTELFUSE-SL1003A090R Datasheet
140Kb / 5P
Gas Discharge Tube (GDT) Products
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com