Electronic Components Datasheet Search
  English  ▼

X  

KBJ10005 Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # KBJ10005
Description  Ideal for printed circuit board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

KBJ10005 Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  KBJ10005 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd KBJ10005 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd KBJ10005 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd KBJ10005 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Green Products
Data Sheet N1831, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
KBJ10005 THRU KBJ1010
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Maximum Ratings:
Type Number
Symbol
KBJ
10005
KBJ
1001G
KBJ
1002
KBJ
1004
KBJ
1006
KBJ
1008
KBJ
1010
Unit
Maximum Recurrent Peak Reverse Voltage
Maximum DC Blocking Voltage
VRRM
VDC
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VRMS
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TC = 55°C
IO
10.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
180
A
Electrical Characteristics:
Type Number
Symbol
KBJ
10005
KBJ
1001G
KBJ
1002
KBJ
1004
KBJ
1006
KBJ
1008
KBJ
1010
Unit
Maximum Forward Voltage
@IF =5.0A
VFM
1.1
V
Peak Reverse Current
@TA = 25°C
IR
10
µA
Thermal-Mechanical Specifications:
Type Number
Symbol
KBJ
10005
KBJ
1001G
KBJ
1002
KBJ
1004
KBJ
1006
KBJ
1008
KBJ
1010
Unit
Typical Thermal Resistance (Note 1)
RθJC
1.2
°C/W
Operating Temperature Range
TA
-55 to +125
°C
Storage Temperature Range
TSTG
-55 to +150
Case Style
KBJ
Note: 1. Device mounted on 100mm * 100mm * 1.6mm Cu Plate Heatsink.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com