Electronic Components Datasheet Search
  English  ▼

X  

PST13 Datasheet(PDF) 4 Page - Power System Technology

Part # PST13
Description  Modular power supply for industrial & railways
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST13 Datasheet(HTML) 4 Page - Power System Technology

  PST13 Datasheet HTML 1Page - Power System Technology PST13 Datasheet HTML 2Page - Power System Technology PST13 Datasheet HTML 3Page - Power System Technology PST13 Datasheet HTML 4Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PST13 Vin
Vout Pout
24
48
72
110
3V3
5V
12V
15V
24V
28V
48V
150
200
300
400
Just fill in.
Max. output current 20A
Max input current 10A
Pmax : 400W
Please see page 1 for max output power configuration
COMPANY NAME :
ADDRESS :
NAME :
JOB TITLE :
QUANTITY :
DELIVERY DATE :
INFORMATION :
SEND TO :
POWER SYSTEM TECHNOLOGY
19, 21 rue Gustave Eiffel - Bâtiment A2
28630 GELLAINVILLE - FRANCE
Tel. : +33 (0) 2 37 30 78 40 - Fax : +33 (0) 2 37 30 77 71
Email : sales@powersystemtechnology.com
OUTPUT
PST13
HOW TO ORDER ?
4/4
Rev. 01
Option
D
R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com