Electronic Components Datasheet Search
  English  ▼

X  

UPC358G2 Datasheet(PDF) 4 Page - NEC

Part # UPC358G2
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC358G2 Datasheet(HTML) 4 Page - NEC

  UPC358G2 Datasheet HTML 1Page - NEC UPC358G2 Datasheet HTML 2Page - NEC UPC358G2 Datasheet HTML 3Page - NEC UPC358G2 Datasheet HTML 4Page - NEC UPC358G2 Datasheet HTML 5Page - NEC UPC358G2 Datasheet HTML 6Page - NEC UPC358G2 Datasheet HTML 7Page - NEC UPC358G2 Datasheet HTML 8Page - NEC UPC358G2 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
µPC358
4
OUTPUT SHORT CIRCUIT CURRENT
–20
70
60
50
40
30
TA - Ambient Temperature - ˚C
OPEN LOOP FREQUENCY RESPONSE
1
140
120
100
80
60
40
20
0
f - Frequency - Hz
OPEN LOOP VOLTAGE GAIN
0
160
120
80
40
V
+ - Supply Voltage - V (V– = GND)
LARGE SIGNAL
FREQUENCY RESPONSE
f - Frequency - Hz
0
20
60
80
10
100 k
10 M
10
20
30
40
IO SHORT
+
–
V
+ = 30 V
10 M
Ω
VIN
V
+/2
V
+
VO
–
+
0.1 F
µ
V
+ = 10 to 15 V
RL = 20 k
Ω
RL = 2 k
Ω
40
10 k
100
1 k
1 M
20
1 k
–
+
+15 V
VO
VIN
100 k
Ω
15
10
5
0
3 5 10 k
30 50 100 k
300 500 1 M
1 k
Ω
+7 V
2 k
Ω
VOLTAGE FOLLOWER
PULSE RESPONSE
4
3
2
1
0
3
2
1
0
20406080
COMMON MODE REJECTION RATIO
100
120
100
80
60
40
20
0
f - Frequency - Hz
1 k
10 k
100 k
1 M
RL
≥ 2 kΩ
V
+ = 15 V
t - Time - s
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com