Electronic Components Datasheet Search
  English  ▼

X  

K2201GL Datasheet(PDF) 6 Page - Littelfuse

Part # K2201GL
Description  Standard Bidirectional SIDACs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K2201GL Datasheet(HTML) 6 Page - Littelfuse

  K2201GL Datasheet HTML 1Page - Littelfuse K2201GL Datasheet HTML 2Page - Littelfuse K2201GL Datasheet HTML 3Page - Littelfuse K2201GL Datasheet HTML 4Page - Littelfuse K2201GL Datasheet HTML 5Page - Littelfuse K2201GL Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 03/25/16
Teccor® brand Thyristors
Standard Unidirectional SIDACs
Part Numbering System
Part Marking System
K 220 1 G
RP
SERIES
K: Sidac
VOLTAGE
220: 200 to 230V
240: 220 to 250V
250: 240 to 265V
360: 340 to 380V
CIRCUIT FUNCTION
1: Multipulse™
DEVICE PACKAGE
G: DO-15
PACKAGING OPTIONS
Blank: Bulk
RP: Tape and Reel
L
INCREASED H.V.
GENERATION CAPABILITY
Kxxx1GL
YMXXX
®
DO-15
DO-15 Embossed Carrier RP Specifications
3.15 (80.0) TYP
DO-15
Dimensions
are in inches
(and millimeters).
Direction of Feed
0.252
(6.4)
0.898
(22.8)
0.197
(5.0)
2.063
(52.4)
10.0 - 14.0
(254.0 - 356.0)
Meets all EIA RS-29-6 Standards
Packing Options
Part Number
Package
Packing Mode
Base Quantity
Kxxx1GL
DO-15
Bulk
1000
Kxxx1GLRP
Tape & Reel
5000
Note: xxx = voltage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com