Electronic Components Datasheet Search
  English  ▼

X  

SMCJ Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SMCJ
Description  Excellent Clamping Capability
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SMCJ Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SMCJ Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMCJ Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMCJ Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMCJ Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMCJ Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMCJ Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data
Green Products
Data Sheet N0002, Rev. B
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SMCJ SERIES
1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ SERIES SURFACE MOUNT
TRANSIENT VOLTAGE SUPPRESSOR
Features:
•
Glass Passivated Die Construction
•
1500W Peak Pulse Power Dissipation
•
5.0V- 170V Standoff Voltage
•
Uni- and Bi-Directional Versions Available
•
Excellent Clamping Capability
•
Fast Response Time
•
Plastic Case Material has UL Flammability Classification Rating 94V-O
•
This is a Pb − Free Device
•
All SMC Parts are Traceable to the Wafer Lot
•
Additional testing can be offered upon request
Mechanical Data:
•
Case: JEDEC DO-214AB Low Profile Molded Plastic
•
Terminals: Solder Plated , Solderable per MIL-STD 750, Method 2026
•
Polarity: Cathode Band or Cathode Notch
•
Weight:0.21 grams(approx.)
Mechanical Dimensions:In Inches (mm)
SMC
SMC/DO-214AB
Dim.
Min.
Max.
Min.
Max.
A
5.59
6.22
0.220
0.245
B
6.60
7.11
0.260
0.280
C
2.75
3.25
0.108
0.128
D
0.152
0.305
0.006
0.012
E
7.75
8.25
0.305
0.325
F
2.00
2.95
0.079
0.116
G
0.051
0.203
0.002
0.008
H
0.76
1.60
0.030
0.063
In mm
In inch


Similar Part No. - SMCJ

ManufacturerPart #DatasheetDescription
logo
Bytes
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Weitron Technology
SMCJ WEITRON-SMCJ Datasheet
190Kb / 4P
1500W Surface Mount Transient Voltage Suppressor
logo
Yangzhou yangjie electr...
SMCJ YANGJIE-SMCJ Datasheet
1Mb / 4P
SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
UNIOHM CORPORATION
SMCJ UNIOHM-SMCJ Datasheet
359Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SMCJ SECOS-SMCJ Datasheet
430Kb / 4P
1500W Peak Power Surface Mount TVS
More results

Similar Description - SMCJ

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
15KPA SMC-15KPA Datasheet
291Kb / 5P
Excellent Clamping Capability
SMAJ SMC-SMAJ Datasheet
426Kb / 7P
Excellent Clamping Capability
logo
Shanghai Semitech Semic...
5KP5.0A SEMITECH-5KP5.0A Datasheet
270Kb / 5P
Excellent Clamping Capability
AK10 SEMITECH-AK10 Datasheet
101Kb / 2P
Excellent clamping capability
P6SMB440CA SEMITECH-P6SMB440CA Datasheet
195Kb / 6P
Excellent clamping capability
8KP SEMITECH-8KP Datasheet
484Kb / 4P
Excellent clamping capability
P6SMB SEMITECH-P6SMB Datasheet
479Kb / 5P
Excellent clamping capability
logo
Unisonic Technologies
SMCJXXAL-SMC-R UTC-SMCJXXAL-SMC-R Datasheet
207Kb / 4P
Excellent clamping capability
SMDJXXAL-SMC-R UTC-SMDJXXAL-SMC-R Datasheet
202Kb / 4P
Excellent clamping capability
logo
Micro Commercial Compon...
ESDLC5V0T5 MCC-ESDLC5V0T5 Datasheet
326Kb / 3P
Excellent clamping capability
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com