Electronic Components Datasheet Search
  English  ▼

X  

N74F07D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # N74F07D
Description  Inverter/buffer drivers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F07D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button N74F07D Datasheet HTML 2Page - NXP Semiconductors N74F07D Datasheet HTML 3Page - NXP Semiconductors N74F07D Datasheet HTML 4Page - NXP Semiconductors N74F07D Datasheet HTML 5Page - NXP Semiconductors N74F07D Datasheet HTML 6Page - NXP Semiconductors N74F07D Datasheet HTML 7Page - NXP Semiconductors N74F07D Datasheet HTML 8Page - NXP Semiconductors N74F07D Datasheet HTML 9Page - NXP Semiconductors N74F07D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Philips Semiconductors
Product data
74F07
Hex inverter/buffer drivers (open-collector)
2004 Mar 12
6
TYPICAL PROPAGATION DELAYS VERSUS LOAD FOR OPEN COLLECTOR OUTPUTS
SF00024
0
2
4
6
8
10
12
14
16
18
0
100
200
300
400
500
600
Load resistor (
Ω)
tPLH
tPHL
NOTE:
When using Open-Collector parts, the value of the pull-up resistor greatly affects the value of the tPLH. For example, changing the specified
pull-up resistor value from 500
Ω to 100Ω will improve the tPLH up to 50% with only a slight increase in the tPHL. However, if the value of the
pull-up resistor is changed, the user must make certain that the total IOL current through the resistor and the total IIL’s of the receivers does not
exceed the IOL maximum specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com