Electronic Components Datasheet Search
  English  ▼

X  

BFP650F Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BFP650F
Description  Linear Low Noise SiGe:C Bipolar RF Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP650F Datasheet(HTML) 1 Page - Infineon Technologies AG

  BFP650F Datasheet HTML 1Page - Infineon Technologies AG BFP650F Datasheet HTML 2Page - Infineon Technologies AG BFP650F Datasheet HTML 3Page - Infineon Technologies AG BFP650F Datasheet HTML 4Page - Infineon Technologies AG BFP650F Datasheet HTML 5Page - Infineon Technologies AG BFP650F Datasheet HTML 6Page - Infineon Technologies AG BFP650F Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2013-09-06
1
BFP650F
1
2
4
3
Linear Low Noise SiGe:C Bipolar RF Transistor
• For medium power amplifiers and driver stages
• Based on Infineon' s reliable high volume Silicon
Germanium technology
• High OIP3 and P-1dB
• Ideal for low phase noise oscilators
• Maxim. available Gain Gma = 21.5 dB at 1.8 GHz
Minimun noise figure NFmin = 0.8 dB at 1.8 GHz
• Pb-free (RoHS compliant) and halogen-free thin small
flat package with visible leads
• Qualification report according to AEC-Q101 available
1
3
4
2
Direction of Unreeling
Top View
XYs
ESD
(Electrostatic discharge) sensitive device, observe handling precaution!
Type
Marking
Pin Configuration
Package
BFP650F
R5s
1=B
2=E
3=C
4=E
-
-
TSFP-4


Similar Part No. - BFP650F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP650F INFINEON-BFP650F Datasheet
129Kb / 7P
NPN Silicon Germanium RF Transistor
2007-08-09
More results

Similar Description - BFP650F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP650 INFINEON-BFP650_10 Datasheet
1Mb / 27P
High Linearity Low Noise SiGe:C NPN RF Transistor
Revision 1.0, 2010-10-22
BFP750 INFINEON-BFP750 Datasheet
1Mb / 27P
High Linearity Low Noise SiGe:C NPN RF Transistor
Revision 1.0, 2010-10-22
BFP520 INFINEON-BFP520_15 Datasheet
576Kb / 9P
Low Noise Silicon Bipolar RF Transistor
2015-10-12
BFP750 INFINEON-BFP750_15 Datasheet
1Mb / 29P
High Linearity Low Noise SiGe:C NPN RF Transistor
Revision 1.1, 2015-01-14
BFP620 INFINEON-BFP620_13 Datasheet
665Kb / 10P
Low Noise SiGe:C Bipolar RF Transistor
2013-09-13
BFP450 INFINEON-BFP450_13 Datasheet
1Mb / 28P
Linear Low Noise Silicon Bipolar RF Transistor
Revision 1.2, 2013-07-29
BFP420 INFINEON-BFP420_13 Datasheet
567Kb / 9P
Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFP620F INFINEON-BFP620F_13 Datasheet
629Kb / 9P
Low Noise SiGe:C Bipolar RF Transistor
2013-09-09
BFS481 INFINEON-BFS481_13 Datasheet
563Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2013-06-18
BFR183 INFINEON-BFR183_14 Datasheet
618Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2014-04-03
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com