Electronic Components Datasheet Search
  English  ▼

X  

PSOC4000 Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # PSOC4000
Description  Programmable System-on-Chip
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4000 Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button PSOC4000 Datasheet HTML 15Page - Cypress Semiconductor PSOC4000 Datasheet HTML 16Page - Cypress Semiconductor PSOC4000 Datasheet HTML 17Page - Cypress Semiconductor PSOC4000 Datasheet HTML 18Page - Cypress Semiconductor PSOC4000 Datasheet HTML 19Page - Cypress Semiconductor PSOC4000 Datasheet HTML 20Page - Cypress Semiconductor PSOC4000 Datasheet HTML 21Page - Cypress Semiconductor PSOC4000 Datasheet HTML 22Page - Cypress Semiconductor PSOC4000 Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
PSoC® 4: PSoC 4000 Family
Datasheet
Document Number: 001-89638 Rev. *E
Page 19 of 34
Digital Peripherals
Timer Counter Pulse-Width Modulator (TCPWM)
I2C
Note
9. Trigger events can be Stop, Start, Reload, Count, Capture, or Kill depending on which mode of operation is selected.
10. Guaranteed by characterization.
Table 13. TCPWM Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID.TCPWM.1
ITCPWM1
Block current consumption at 3 MHz
–
–
45
μA
All modes (TCPWM)
SID.TCPWM.2
ITCPWM2
Block current consumption at 8 MHz
–
–
145
μA
All modes (TCPWM)
SID.TCPWM.2A ITCPWM3
Block current consumption at 16 MHz
–
–
160
μA
All modes (TCPWM)
SID.TCPWM.3
TCPWMFREQ Operating frequency
–
–
Fc
MHz Fc max = CLK_SYS.
Maximum = 16 MHz
SID.TCPWM.4
TPWMENEXT
Input trigger pulse width
2/Fc
–
–
ns
For all trigger events[9]
SID.TCPWM.5
TPWMEXT
Output trigger pulse widths
2/Fc
–
–
ns
Minimum possible
width of Overflow,
Underflow, and CC
(Counter equals
Compare value)
outputs
SID.TCPWM.5A TCRES
Resolution of counter
1/Fc
–
–
ns
Minimum time
between successive
counts
SID.TCPWM.5B PWMRES
PWM resolution
1/Fc
–
–
ns
Minimum pulse width
of PWM Output
SID.TCPWM.5C QRES
Quadrature inputs resolution
1/Fc
–
–
ns
Minimum pulse width
between Quadrature
phase inputs.
Table 14. Fixed I2C DC Specifications[10]
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID149
II2C1
Block current consumption at 100 kHz
–
–
25
µA
SID150
II2C2
Block current consumption at 400 kHz
–
–
135
µA
SID.PWR#5 ISBI2C
I2C enabled in Deep Sleep mode
–
–
2.5
µA
Table 15. Fixed I2C AC Specifications[10]
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID153
FI2C1
Bit rate
–
–
400
Kbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com