Electronic Components Datasheet Search
  English  ▼

X  

PSOC4100M Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # PSOC4100M
Description  Programmable System-on-Chip
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100M Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button PSOC4100M Datasheet HTML 3Page - Cypress Semiconductor PSOC4100M Datasheet HTML 4Page - Cypress Semiconductor PSOC4100M Datasheet HTML 5Page - Cypress Semiconductor PSOC4100M Datasheet HTML 6Page - Cypress Semiconductor PSOC4100M Datasheet HTML 7Page - Cypress Semiconductor PSOC4100M Datasheet HTML 8Page - Cypress Semiconductor PSOC4100M Datasheet HTML 9Page - Cypress Semiconductor PSOC4100M Datasheet HTML 10Page - Cypress Semiconductor PSOC4100M Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
PSoC® 4: PSoC 4100M Family
Datasheet
Document Number: 001-96519 Rev. *E
Page 7 of 41
Analog Multiplex Bus
The PSoC 4100M has two concentric analog buses (Analog Mux
Bus A and Analog Mux Bus B) that circumnavigate the periphery
of the chip. These buses can transport analog signals from any
pin to various analog blocks (including the opamps) and to the
CapSense blocks allowing, for instance, the ADC to monitor any
pin on the chip. These buses are independent and can also be
split into three independent sections. This allows one section to
be used for CapSense purposes, one for general analog signal
processing, and the third for general-purpose digital peripherals
and GPIO.
Four Opamps
The PSoC 4100M has four opamps with comparator modes,
which allow most common analog functions to be performed
on-chip eliminating external components; PGAs, voltage buffers,
filters, trans-impedance amplifiers, and other functions can be
realized with external passives saving power, cost, and space.
The on-chip opamps are designed with enough bandwidth to
drive the Sample-and-Hold circuit of the ADC without requiring
external buffering. The opamps can operate in the Deep Sleep
mode at very low power levels. The following diagram shows one
of two identical opamp pairs of the opamp subsystem.
Figure 4. Identical Opamp Pairs in Opamp Subsystem
The ovals in Figure 4 represent analog switches, which may be
controlled via user firmware, the SAR sequencer, or user-defined
programmable logic. The opamps (OA0 and OA1) are configu-
rable via these switches to perform all standard opamp functions
with appropriate feedback components.
The opamps (OA0 and OA1) are programmable and reconfigu-
rable to provide standard opamp functionality via switchable
feedback components, unity gain functionality for driving pins
directly, or for internal use (such as buffering SAR ADC inputs as
indicated in the diagram), or as true comparators.
The opamp inputs provide highly flexible connectivity and can
connect directly to dedicated pins or, via the analog mux buses,
to any pin on the chip. Analog switch connectivity is controllable
by user firmware.
The opamps operate in Deep Sleep mode at very low currents
allowing analog circuits to remain operational during Deep
Sleep.
Temperature Sensor
The PSoC 4100M has one on-chip temperature sensor. This
consists of a diode, which is biased by a current source that can
be disabled to save power. The temperature sensor is connected
to the ADC, which digitizes the reading and produces a temper-
ature value using Cypress-supplied software that includes
calibration and linearization.
Low-power Comparators
The PSoC 4100M has a pair of low-power comparators, which
can also operate in the Deep Sleep and Hibernate modes. This
allows the analog system blocks to be disabled while retaining
the ability to monitor external voltage levels during low-power
modes. The comparator outputs are normally synchronized to
avoid meta-stability unless operating in an asynchronous power
mode (Hibernate) where the system wake-up circuit is activated
by a comparator switch event.
Fixed Function Digital
Timer/Counter/PWM (TCPWM) Block
The TCPWM block uses a16-bit counter with user-program-
mable period length. There is a Capture register to record the
count value at the time of an event (which may be an I/O event),
a period register which is used to either stop or auto-reload the
counter when its count is equal to the period register, and
compare registers to generate compare value signals, which are
used as PWM duty cycle outputs. The block also provides true
and complementary outputs with programmable offset between
them to allow use as deadband programmable complementary
PWM outputs. It also has a Kill input to force outputs to a prede-
termined state; for example, this is used in motor drive systems
when an overcurrent state is indicated and the PWMs driving the
FETs need to be shut off immediately with no time for software
intervention. The PSoC 4100M has eight TCPWM blocks.
Serial Communication Blocks (SCB)
The PSoC 4100M has four SCBs, which can each implement an
I2C, UART, or SPI interface.
I2C Mode: The hardware I2C block implements a full
multi-master and slave interface (it is capable of multimaster
arbitration). This block is capable of operating at speeds of up to
1 Mbps (Fast Mode Plus) and has flexible buffering options to
reduce interrupt overhead and latency for the CPU. It also
supports EzI2C that creates a mailbox address range in the
memory of the PSoC 4100M and effectively reduces I2C commu-
nication to reading from and writing to an array in memory. In
addition, the block supports an 8-deep FIFO for receive and
transmit which, by increasing the time given for the CPU to read
data, greatly reduces the need for clock stretching caused by the
CPU not having read data on time. The FIFO mode is available
in all channels and is very useful in the absence of DMA.
The I2C peripheral is compatible with the I2C Standard-mode,
Fast-mode, and Fast-mode Plus devices as defined in the NXP
I2C-bus specification and user manual (UM10204). The I2C bus
I/O is implemented with GPIO in open-drain modes.
Internal
Out0
1x
OA0
10x
Internal
Out1
1x
OA1
10x
+
-
+
-
P0
P6
P5
P4
P3
P2
P1
P7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com