Electronic Components Datasheet Search
  English  ▼

X  

KBJ401 Datasheet(PDF) 2 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # KBJ401
Description  SINGLE PHASE4.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

KBJ401 Datasheet(HTML) 2 Page - Chongqing Pingwei Enterprise co.,Ltd

  KBJ401 Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd KBJ401 Datasheet HTML 2Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 62 -
RATING AND CHARACTERISTIC CURVES (KBJ4005 THRU KBJ410)
100
FIG.3-MAXIMUN NON-REPETITIVE
FORWARD SURGE CURRENT
1
0
40
80
10
NUMBER OF CYCLES AT 60Hz
120
160
CASE TEMPERTURE,(℃)
8.3ms Single Half
Sine-Wave (JEDEC
Method)
FIG.1-TYPICAL FORWARD CURRENT
DERATING CURVE
PERCENT OF RATED PEAK REVERSE VOLTAGE,( %)
40
20
0
60
0.1
1.0
120
100
80
TJ=25℃
FIG.5-TYPICAL REVERSE CHARACTERISTICS
INSTANEOUS FORWARD VOLTAGE,(V)
100
10
.01
.4
0.1
0.6
TJ=25℃
Pulse Width=300μs
1% Duty Cycle
0.8
1.0
1.2
FIG.2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
1.0
10
1000
TJ=100℃
TJ=125℃
TJ=150℃
FIG.4-TYPIAL JUNCTION CAPAOTANCE
REVERSE VOLTAGE,(V)
1
10
100
1000
1
10
100
100
50
3.0
1.0
Without Heatsink
With Heatsink
4.0
125
75
25
2.0
0
0
Single Phase Half Wave 60Hz
Resistive or inductive Load
150



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com