Electronic Components Datasheet Search
  English  ▼

X  

TMBF302 Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # TMBF302
Description  SINGLE PHASE3.0AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

TMBF302 Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  TMBF302 Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd TMBF302 Datasheet HTML 2Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 1 -
TMBF302 THRU TMBF310
SINGLE PHASE3.0AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
FEATURE
.
Glass passivated junction.
.
Ideal for printed circuit board.
.
Reliable low cost construction utilizing
molded plastic technique.
.
High surge current capability.
.
High temperature soldering guaranteed:
260℃/10 seconds at terminals.
MECHANICAL DATA
.
Case Material: “Green” Molding compound,
UL flammability classification rating 94V-0,
“Free halogen”
.
Moisture sensitivity level:level 2a,per J-STD-020
.
Polarity:Polarity as marked on the body
.
Weight: 0.204g (approximately)
TMBF
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
SYM
BOL
TMBF
302
TMBF
304
TMBF
306
TMBF
308
TMBF
310
units
Maximum Recurrent Peak Reverse Voltage
VRRM
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
160
320
420
560
700
V
Maximum DC blocking Voltage
VDC
200
400
600
800
1000
V
Maximum Average Forward rectified Current
@ TA=40℃
IF(AV)
3.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rate load (JEDEC
method)
IFSM
100
A
Maximum Instantaneous
@IF=1.5A DC
Forward Voltage
@IF= 3.0A DC
VF
1.0
1.1
V
Maximum DC Reverse Current @TJ =25°C
at rated DC blocking voltage
@TJ =125°C
IR
5.0
500.0
μA
I2t Rating for Fusing (t﹤8.3ms)
I2t
41.5
A2Sec
Typical Junction Capacitance Per Leg (Note1)
CJ
35
pF
Typical Thermal Resistance (Note2)
RJA
15
°C /W
RJC
7
Storage Temperature
TSTG
-55 to +150
°C
Operating Junction Temperature
TJ
-55 to +150
°C
Note:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
2. Thermal resistance from Junction to case,lead and ambient in accordance with JESD-51.
Unit mounted on 15mm*12mm*1.6mm AL pad attach 195mm*195mm*10mm steel plate
-
+
.205(5.2)
.189(4.8)
.315(8.0)
.299(7.6)
.350(8.9)
.335(8.5)
.043(1.1)
.035(0.9)
.268(6.8)
.252(6.4)
.059(1.5)
.051(1.3)
.012(0.3)
.008(0.2)
.064(1.4)
.032(0.8)
.098(0.25)
.006(0.17)
.024(0.6)
.008(0.2)
~~ -
+


Similar Part No. - TMBF302

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
TMBF302 DGNJDZ-TMBF302 Datasheet
231Kb / 2P
SINGLE PHASE3.0AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
TMBF302 JUXING-TMBF302 Datasheet
1Mb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
More results

Similar Description - TMBF302

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
GBJ20A MOSPEC-GBJ20A Datasheet
167Kb / 2P
GLASS PASSIVATED BRIDGE SINGLE-PHASE BRIDGE RECTIFIERS
logo
Surge Components
2W005 SURGE-2W005 Datasheet
410Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers
GBU4005 SURGE-GBU4005 Datasheet
470Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
DB101S YIXIN-DB101S Datasheet
116Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Nanjing International G...
TMBF302 DGNJDZ-TMBF302 Datasheet
231Kb / 2P
SINGLE PHASE3.0AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
GBPC15005 NJSEMI-GBPC15005 Datasheet
156Kb / 2P
GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
GBPC35005 NJSEMI-GBPC35005 Datasheet
165Kb / 2P
GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
SiPower Inc.
ABS2F SIPOWER-ABS2F Datasheet
549Kb / 3P
Single Phase Glass Passivated Bridge Rectifiers
logo
Microdiode Semiconducto...
AB34S CHENDA-AB34S_V01 Datasheet
464Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
DF05S CHENDA-DF05S_V01 Datasheet
592Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com