Electronic Components Datasheet Search
  English  ▼

X  

2SB786 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SB786
Description  isc Silicon PNP Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SB786 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SB786 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SB786 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon PNP Darlington Power Transistor
2SB786
ELECTRICAL CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBO
L
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage IC= -10mA; IB= 0
-40
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= -2mA; IC= 0
-5
V
V(BR)CBO
Collector-Base breakdown voltage
IC=-1mA; IE= 0
-40
V
VCE(sat)
Collector-Emitter Saturation Voltage IC= -0.6A; IB= -1.2mA
-1.5
V
ICEO
Collector Cutoff Current
VCE= -40V; IB= 0
-0.1
mA
ICBO
Collector Cutoff Current
VCB= -40V; IE= 0
-1.0
uA
IEBO
Emitter Cutoff Current
VEB= -5V; IC= 0
-2.0
mA
hFE
DC Current Gain
IC= -0.5A ; VCE= -3V
1000
fT
Current-Gain—Bandwidth Product
IC=-0.1A ; VCE= -6V
150
MHz
COB
Output Capacitance
IE=0; VCB= -10V; f= 1MHz
11
pF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com