Electronic Components Datasheet Search
  English  ▼

X  

WWSS1327CP Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # WWSS1327CP
Description  WorkWise Standing Desk-Clamp Workstation, Single-Monitor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

WWSS1327CP Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  WWSS1327CP Datasheet HTML 1Page - Tripp Lite. All Rights Reserved WWSS1327CP Datasheet HTML 2Page - Tripp Lite. All Rights Reserved WWSS1327CP Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Use included hex key to increase or decrease tension according to load
Maximum weight capacity is 29 lb.
Clamp Mount Requires Minimal Desk Space
Clamps to a flat fixed-height work surface from 1 to 3.35 in. thick
Provides stability at all workstation heights
Pneumatic Swing Arm
Adjusts up/down 3 in. on pole
Offers 150° swivel and 360° rotation
Swing range is 49.8 in. from back of workstation to end of keyboard
Integrated cable management reduces cable clutter
Single-Arm Monitor Mount
Accommodates a 13 to 27 in. flat-panel display
Compatible with VESA 75x75 and 100x100 mounting hole patterns
Vertical adjustment and -13° to +45° tilt
Display can be rotated for horizontal or vertical viewing
Middle Platform
23.6 x 9.9 in. platform
Keeps accessories or a small laptop within reach
Keyboard Tray
Extra-large 23.6 x 10.6 in. tray holds the largest, most popular models
Keyboard tray adjusts up to 14.5 in. above the work surface
Removable wrist rest mounts to the left or right
Mounting hole plugs included
Specifications
PHYSICAL
Unit Dimensions (hwd / in.)
33.7 x 23.6 x 49.5
Unit Weight (lbs.)
35.2
Unit Weight (kg)
15.97
Color
Black
Screen Size Compatibility (in.)
13 to 27"
VESA Pattern (mm)
75x75; 100x100
Degrees of Motion
180 swivel and 360 rotate
Maximum Weight Capacity (lbs.)
29
Maximum Weight Capacity (kg)
13
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com