Electronic Components Datasheet Search
  English  ▼

X  

WWSSDT Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # WWSSDT
Description  WorkWise Standing Desktop Workstation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

WWSSDT Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  WWSSDT Datasheet HTML 1Page - Tripp Lite. All Rights Reserved WWSSDT Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WorkWise Standing Desktop Workstation
MODEL NUMBER: WWSSDT
Description
Tripp Lite’s WWSSDT WorkWise™ Standing Desktop Workstation allows you to enjoy the benefits of standing
for a portion of the day without using your entire work surface. Simply place the WWSSDT on a fixed-height
desk or table. With a single touch, you can change the height of your monitor and keyboard to improve
ergonomics, promote health and increase productivity.
To adjust the height of the WWSSDT, press the lever to raise or lower the pneumatic spring arm. The monitor platform and keyboard move together to provide
smooth transitions between sitting and standing. An adjustment on the rear of the workstation gives you the option to increase tension for heavier loads or
decrease it for lighter items.
The WWSSDT has a heavy-duty base that’s only 19.7 x 19.7 inches, so it doesn’t occupy your entire work surface. The base provides stability at all
workstation heights, yet it can be easily moved or repositioned. Maximum weight capacity is 29 pounds.
Monitor platform is 23.6 x 15.7 inches and adjusts between 6 and 23 inches above the work surface. It’s sturdy enough to support a dual-arm display mount.
Integrated cable management reduces cable clutter.
Keyboard tray is an oversized 23.6 x 11 inches to accommodate the largest, most popular models. At its lowest height, the keyboard tray rests on the work
surface. It adjusts up to 17 inches above the work surface. The wrist rest is removable. Plugs are included to fill exposed mounting holes.
Features
One-Touch Height Adjustment for Sit-Stand Ergonomics
Lever raises or lowers pneumatic arm for smooth height adjustment
Monitor platform and keyboard tray move together for seamless sit-stand transitions
Use included hex key to increase or decrease tension according to load
Maximum weight capacity is 29 lb.
Base Requires Minimal Desk Space
Small 19.7 x 19.7 in. footprint
Highlights
Lever for smooth one-touch
height adjustment
Max. height of monitor platform is
approx. 23 in. above work surface
Max. height of keyboard tray is
17 in. above work surface
Keyboard tray holds the largest,
most popular models
Maximum weight capacity is 29 lb.
Package Includes
Workstation (base, arm, monitor
platform)
Keyboard tray with wrist rest
(2) M6 x 10 screws
(2) Hole plugs
Large hex key
Small hex key
Owner’s manual
1 / 2


Similar Part No. - WWSSDT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
WWSSD3622 TRIPPLITE-WWSSD3622 Datasheet
170Kb / 3P
WorkWise Height-Adjustable Sit-Stand Desktop Workstation, 36 x 22 in. Monitor Platform
WWSSDC TRIPPLITE-WWSSDC Datasheet
552Kb / 2P
WorkWise Standing Desk-Clamp Workstation
More results

Similar Description - WWSSDT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
WWBASE-BK TRIPPLITE-WWBASE-BK Datasheet
497Kb / 3P
WorkWise Standing Desk Base, Electric Adjustable-Height, Black
WWBASE-GY TRIPPLITE-WWBASE-GY Datasheet
496Kb / 3P
WorkWise Standing Desk Base, Electric Adjustable-Height, Gray
WWBASE-WH TRIPPLITE-WWBASE-WH Datasheet
492Kb / 3P
WorkWise Standing Desk Base, Electric Adjustable-Height, White
WWSS1327CP TRIPPLITE-WWSS1327CP Datasheet
551Kb / 3P
WorkWise Standing Desk-Clamp Workstation, Single-Monitor
WWSSDC TRIPPLITE-WWSSDC Datasheet
552Kb / 2P
WorkWise Standing Desk-Clamp Workstation
WWTOP48-ES TRIPPLITE-WWTOP48-ES Datasheet
491Kb / 2P
WorkWise Standing Desk Top, 48 x 30 in., Espresso
WWSS1332C TRIPPLITE-WWSS1332C Datasheet
162Kb / 2P
WorkWise Desk-Mounted Workstation, Single Display
WWSS1332W TRIPPLITE-WWSS1332W Datasheet
161Kb / 2P
WorkWise Wall-Mounted Workstation, Single Display
WWSSD3622 TRIPPLITE-WWSSD3622 Datasheet
170Kb / 3P
WorkWise Height-Adjustable Sit-Stand Desktop Workstation, 36 x 22 in. Monitor Platform
WWSSRC TRIPPLITE-WWSSRC Datasheet
164Kb / 2P
Mobile Standing Desk/Workstation on Wheels, Height Adjustable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com