Electronic Components Datasheet Search
  English  ▼

X  

WWTOP72-BK Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # WWTOP72-BK
Description  WorkWise Standing Desk Top, 72 x 30 in., Black
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

WWTOP72-BK Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  WWTOP72-BK Datasheet HTML 1Page - Tripp Lite. All Rights Reserved WWTOP72-BK Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WorkWise Standing Desk Top, 72 x 30 in., Black
MODEL NUMBER: WWTOP72-BK
Description
The WWTOP72-BK WorkWise™ Standing Desk Top provides an environmentally friendly work surface for your sit-stand desk. A spacious 72 x 30 inches with
a thickness of 0.75 inches, the WWTOP72-BK features mounting holes with threaded inserts that perfectly match Tripp Lite WorkWise Sit-Stand Electric
Adjustable-Height Desk Bases, such as WWBASE-BK, WWBASE-GY and WWBASE-WH, for easy assembly.
Made and finished in the USA, the MDF(medium-density fibreboard) WWTOP72-BK is constructed entirely of recycled wood fibers with a black low-emission
powder-coated finish that qualifies for LEED credits. It’s certified by the Sustainable Forestry Initiative and meets California Air Resources Board requirements.
Features
Durable Desk Top for Sit-Stand Desk Bases
72 x 30 in. and 0.75 in. thick
Mounts to adjustable-height desk base(sold separately) to create a sit-stand desk
Mounting holes with threaded inserts perfectly match WorkWise Desk Bases, including WWBASE-BK, WWBASE-GY and WWBASE-WH
Environmentally Friendly MDF Construction
Made from 100% recycled wood fibers
Black low-emission powder-coated finish resists scratching
Powder coating qualifies for LEED credits
Certified by Sustainable Forestry Initiative
Meets California Air Resources Board requirements(CARB II compliant)
Made and finished in the USA
Specifications
PHYSICAL
Standing Desk Top Color
Black
Highlights
72 x 30 in. and 0.75 in. thick
Combines with base (sold
separately) to create a sit-stand
desk
Made in the USA of 100%
recycled wood fibers
Low-emission powder coating
Mounting holes with threaded
inserts
Package Includes
WWTOP72-BK WorkWise™
Standing Desk Top (base sold
separately)
(7) 10-24 x ⅝" screws
Proper care guide
1 / 2


Similar Part No. - WWTOP72-BK

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
WWTOP72-ES TRIPPLITE-WWTOP72-ES Datasheet
490Kb / 2P
WorkWise Standing Desk Top, 72 x 30 in., Espresso
More results

Similar Description - WWTOP72-BK

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
WWBASE-BK TRIPPLITE-WWBASE-BK Datasheet
497Kb / 3P
WorkWise Standing Desk Base, Electric Adjustable-Height, Black
WWBASE-GY TRIPPLITE-WWBASE-GY Datasheet
496Kb / 3P
WorkWise Standing Desk Base, Electric Adjustable-Height, Gray
WWSS1327CP TRIPPLITE-WWSS1327CP Datasheet
551Kb / 3P
WorkWise Standing Desk-Clamp Workstation, Single-Monitor
WWSSDC TRIPPLITE-WWSSDC Datasheet
552Kb / 2P
WorkWise Standing Desk-Clamp Workstation
WWTOP48-BK TRIPPLITE-WWTOP48-BK Datasheet
485Kb / 2P
WorkWise Standing Desk Top, 48 x 30 in., Black
WWTOP48-ES TRIPPLITE-WWTOP48-ES Datasheet
491Kb / 2P
WorkWise Standing Desk Top, 48 x 30 in., Espresso
WWTOP60-BKC TRIPPLITE-WWTOP60-BKC Datasheet
484Kb / 2P
WorkWise Standing Desk Top, 60 x 30 in., Black, Contoured
WWTOP60-ESC TRIPPLITE-WWTOP60-ESC Datasheet
490Kb / 2P
WorkWise Standing Desk Top, 60 x 30 in., Espresso, Contoured
WWTOP60-WHC TRIPPLITE-WWTOP60-WHC Datasheet
479Kb / 2P
WorkWise Standing Desk Top, 60 x 30 in., White,Contoured
WWTOP72-ES TRIPPLITE-WWTOP72-ES Datasheet
490Kb / 2P
WorkWise Standing Desk Top, 72 x 30 in., Espresso
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com