Electronic Components Datasheet Search
  English  ▼

X  

SD560C Datasheet(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SD560C
Description  Glass Passivated Die Construction
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SD560C Datasheet(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SD560C Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SD560C Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SD560C Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SD560C Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SD560C Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Technical Data
Green Products
Data Sheet N1346, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SD560C
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SD560C
Unit
Maximum Peak Repetitive Reverse Voltage
Maximum DC Blocking Voltage
VRRM
VR
600
V
Maximum RMS Voltage
VRMS
420
Maximum Average Forward Rectified Current
0.375”(9.5mm) Lead Length @TA = 75°C
I(AV)
5.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
200
A
Maximum Instantaneous Forward Voltage @IF = 5.0A
VF
1.2
V
Maximum DC Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA =
100°C
IR
9.0
170
uA
Typical Junction Capacitance (Note 1)
Cj
50
pF
Typical Thermal Resistance (Note 2)
RθJA
20
°C/W
Operating Storage Temperature Range
TSTG
-65 to +175
°C
Operating Junction Temperature
TJ
-65 to +175
°C
Case Style
SMC
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal resistance form junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com