Electronic Components Datasheet Search
  English  ▼

X  

LM2592HV Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2592HV
Description  SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2592HV Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2592HV Datasheet HTML 4Page - National Semiconductor (TI) LM2592HV Datasheet HTML 5Page - National Semiconductor (TI) LM2592HV Datasheet HTML 6Page - National Semiconductor (TI) LM2592HV Datasheet HTML 7Page - National Semiconductor (TI) LM2592HV Datasheet HTML 8Page - National Semiconductor (TI) LM2592HV Datasheet HTML 9Page - National Semiconductor (TI) LM2592HV Datasheet HTML 10Page - National Semiconductor (TI) LM2592HV Datasheet HTML 11Page - National Semiconductor (TI) LM2592HV Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Test Circuit and Layout Guidelines
Fixed Output Voltage Versions
10129424
Component Values shown are for VIN = 15V,
VOUT = 5V, ILOAD = 2A.
CIN
—
470 µF, 50V, Aluminum Electrolytic Nichicon “PM Series”
COUT
—
220 µF, 25V Aluminum Electrolytic, Nichicon “PM Series”
D1
—
3.3A, 60V Schottky Rectifier, 31DQ06 (International Rectifier)
L1
—
33 µH, See Inductor Selection Procedure
Adjustable Output Voltage Versions
10129425
Select R1 to be approximately 1 kΩ, use a 1% resistor for best stability.
Component Values shown are for VIN = 20V,
VOUT = 10V, ILOAD = 2A.
CIN:
— 470 µF, 35V, Aluminum Electrolytic Nichicon “PM Series”
COUT:
— 220 µF, 35V Aluminum Electrolytic, Nichicon “PM Series”
D1 — 3.3A, 60V Schottky Rectifier, 31DQ06 (International Rectifier)
L1 — 47 µH, See Inductor Selection Procedure
R1 —1 kΩ,1%
R2 — 7.15k, 1%
CFF — 3.3 nF
Typical Values
CSS — 0.1 µF
CDELAY — 0.1 µF
RPULL UP — 4.7k (use 22k if VOUT is ≥ 45V)
† Small signal Schottky diode to prevent damage to feedback pin by negative spike when output is shorted (CFF not being able to discharge immediately will
drag feedback pin below ground). Required if VIN > 40V
FIGURE 1. Standard Test Circuits and Layout Guides
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com