Electronic Components Datasheet Search
  English  ▼

X  

BAW56T Datasheet(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # BAW56T
Description  PN Junction Guard Ring for Transient and ESD Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

BAW56T Datasheet(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  BAW56T Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd BAW56T Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd BAW56T Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd BAW56T Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd BAW56T Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Technical Data
Green Products
Data Sheet N1727, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
BAW56T
BAV70T
BAV99T
Ordering Information:
Device
Package
Shipping
BAW56T/BAV70T/BAV99T
SOT-523(Pb-Free)
3000pcs / reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification.
Maximum Ratings @TA=25°C unless otherwise specified
Parameter
Symbol
Limit
Unit
Reverse Voltage
VR
85
V
Forward Current
IF
75
mA
Non-repetitive Peak Forward
Surge Current @t=8.3ms
IFSM
2.0
A
Power Dissipation
PD
150
mW
Thermal Resistance from Junction
to Ambient
RΘJA
833
°C/
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~+150
°C
Electrical Characteristics @TA=25°C unless otherwise specified
Parameter
Symbol
Test conditions
Min
Max
Unit
Reverse breakdown voltage
V(BR)
IR=1μA
85
-
V
Reverse voltage leakage current
IR1
VR=75V
-
2
μA
IR2
VR=25V
-
0.03
μA
Forward voltage
VF
IF=1mA
-
715
mV
IF=10mA
-
855
IF=50mA
-
1000
IF=150mA
-
1250
Diode capacitance
CD
VR=0V,f=1MHz
-
1.5
pF
Reverse recovery time
Trr
IF= IR=10mA, Irr=0.1×IR,
RL=100Ω
-
4
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com