Electronic Components Datasheet Search
  English  ▼

X  

IM802E Datasheet(PDF) 9 Page - MMD Components

Part # IM802E
Description  MEMS Oscillator, Low Power, LVCMOS/HCMOS Compatible, 115.000 MHz to 137.000 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

IM802E Datasheet(HTML) 9 Page - MMD Components

  IM802E Datasheet HTML 1Page - MMD Components IM802E Datasheet HTML 2Page - MMD Components IM802E Datasheet HTML 3Page - MMD Components IM802E Datasheet HTML 4Page - MMD Components IM802E Datasheet HTML 5Page - MMD Components IM802E Datasheet HTML 6Page - MMD Components IM802E Datasheet HTML 7Page - MMD Components IM802E Datasheet HTML 8Page - MMD Components IM802E Datasheet HTML 9Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MEMS Oscillator, Low Power, LVCMOS/HCMOS Compatible, 115.000 MHz to 137.000 MHz
IM802 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev: 01/30/16_A
Page 9 of 9
Tape and Reel Dimensions
DIRECTION OF FEED
REF: EIA-481-E
Q3 Q4
Q2
Q1
WIDTH
TAPE
PITCH
REEL DIA
Part
Number
Size
Pitch
Tape
Width
Pin
Orient.
Reel
Dia.
Cou
nt
IM802B
5.0 x 3.2
8.0 ± 0.1
12.3 max
Q1
180
1000
330
3000
IM802C
3.2 x 2.5
4.0 ± 0.1
8.3 max
Q1
180
3000
IM802D
2.5 x 2.0
4.0 ± 0.1
8.3 max
Q1
180
3000
IM802E
2.0 x 1.6
4.0 ± 0.1
8.3 max
Q1
180
3000
Notes:
All dimensions are in mm.
Do not scale drawings.
PROPRIETARY AND CONFIDENTIAL
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION, AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY
PURPOSE NOR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM ILSI America.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com