Electronic Components Datasheet Search
  English  ▼

X  

IM831E Datasheet(PDF) 2 Page - MMD Components

Part # IM831E
Description  MEMS Oscillator, -55째C to 125째C, LVCMOS/HCMOS Compatible, 119.342001 MHz to 137.000MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

IM831E Datasheet(HTML) 2 Page - MMD Components

  IM831E Datasheet HTML 1Page - MMD Components IM831E Datasheet HTML 2Page - MMD Components IM831E Datasheet HTML 3Page - MMD Components IM831E Datasheet HTML 4Page - MMD Components IM831E Datasheet HTML 5Page - MMD Components IM831E Datasheet HTML 6Page - MMD Components IM831E Datasheet HTML 7Page - MMD Components IM831E Datasheet HTML 8Page - MMD Components IM831E Datasheet HTML 9Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MEMS Oscillator, -55°C to +125°C, LVCMOS/HCMOS Compatible, 119.342001 MHz to 137.000MHz
IM831 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev 01/30/16_A
Page 2 of 9
Ordering Information:
Part Number Guide
Packages
Input
Voltage
Operating
Temperature
Output Drive
Strength
Stability
(ppm)
Select Function
Frequency
IM831B – 5.0 x 3.2
IM831C – 3.2 x 2.5
IM831D – 2.5 x 2.0
IM831E – 2.0 x 1.6
1 = +1.8 V
6 = +2.5 V
2 = +2.8 V
7 = +3.0 V
3 = +3.3 V
7 =
-55ºC to +125ºC
- = Default
(see tables 2
through 6)
F = ±20
A = ±25
Z = ±30
B = ±50
H = Tri-State
S = Standby
O = N/C
-
Frequency
Sample Part Number: IM831C-67-FS-130.0000 MHz
This 130.0000 MHz oscillator in a 3.2 x 2.5 package with stability ±20 ppm from -55ºC to +125ºC using a supply voltage of +2.5 V. The Output Drive
Strength (Rise and Fall Time) is 0.96 nSec per Table 2 with 15 pF load. With Pin 1 function is Standby
Sample Part Number: IM831B-17-AS-115.0000 MHz
This 115.0000 MHz oscillator in a 5.0 x 3.2 package with stability ±25 ppm from -55ºC to +125ºC using a supply voltage of +1.8 V. The Output Drive
Strength (Rise and Fall Time) is 1.00 nSec per Table 1 with 15 pF load. With Pin 1 function is Tri-State
Notes:
Not all options are available at all frequencies and temperatures ranges.
Please consult with sales department for any other parameters or options.
Oscillator specification subject to change without notice.
Absolute Maximum Limits
Storage Temperature
-65ºC to +150ºC
Supply Voltage (Vdd)
-0.5 VDC to 4.0 VDC
Electrostatic Discharge
2000 V max
Solder Temperature (follow standard Pb free soldering guidelines)
260ºC max
Junction Temperature
150ºC max
Test Circuit
Waveform



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com