Electronic Components Datasheet Search
  English  ▼

X  

LM2593HV Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2593HV
Description  SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator, with Features
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2593HV Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2593HV Datasheet HTML 1Page - National Semiconductor (TI) LM2593HV Datasheet HTML 2Page - National Semiconductor (TI) LM2593HV Datasheet HTML 3Page - National Semiconductor (TI) LM2593HV Datasheet HTML 4Page - National Semiconductor (TI) LM2593HV Datasheet HTML 5Page - National Semiconductor (TI) LM2593HV Datasheet HTML 6Page - National Semiconductor (TI) LM2593HV Datasheet HTML 7Page - National Semiconductor (TI) LM2593HV Datasheet HTML 8Page - National Semiconductor (TI) LM2593HV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Typical Performance Characteristics (Circuit of Figure 1)
Normalized
Output Voltage
Line Regulation
Efficiency
10133302
10133303
10133304
Switch Saturation
Voltage
Switch Current Limit
Dropout Voltage
10133305
10133306
10133307
Operating
Quiescent Current
Shutdown
Quiescent Current
Minimum Operating
Supply Voltage
10133308
10133309
10133310
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com