Electronic Components Datasheet Search
  English  ▼

X  

1N4725 Datasheet(PDF) 1 Page - American Microsemiconductor

Part # 1N4725
Description  Specifications Sheet
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMMSEMI [American Microsemiconductor]
Direct Link  http://www.americanmicrosemi.com/
Logo AMMSEMI - American Microsemiconductor

1N4725 Datasheet(HTML) 1 Page - American Microsemiconductor

  1N4725 Datasheet HTML 1Page - American Microsemiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1N4725
Specifications Sheet
American Microsemiconductor Inc.
Page 1 of 1
133 Kings Road, Madison, NJ 07940
AS/EN/JISQ/9100:2009REVCandISO9001:2008CertificateNo:45325 .
Tel.973-377-9566 fax.973-377-3078
http://www.americanmicrosemiconductor.com
Military/High-Rel
N
I(O) Max.(A) Output Current
3.0
@Temp (шC) (Test Condition)
75’
V(RRM)(V) Rep.Pk.Rev. Voltage
1.0k
I(FSM) Max.(A) Pk.Fwd.Sur.Cur.
300
V(FM) Max.(V) Forward Voltage
1.0
@I(FM) (A) (Test Condition)
3.0
@Temp. (шC) (Test Condition)
75х
I(RM) Max.(A) Reverse Current
500u
@V(R) (V)(Test Condition)
1.0k
I(RM) Max.(A) Pk. Rev. Current
1.0m
@Temp. (шC) (Test Condition)
75’
Maximum Operating Temp (шC)
175’
Package Style
Axial-A
Mounting Style
T
Category: Diodes
Class: Silicon Rectifiers
Type: General Purpose
Description:
1N4725 is a hermetically
sealed standard rectifier with
TRR less than 500ns.
Specifications:


Similar Part No. - 1N4725

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4725 MICROSEMI-1N4725 Datasheet
88Kb / 2P
Silicon Rectifiers
1N4725 MICROSEMI-1N4725 Datasheet
103Kb / 2P
Silicon Rectifiers
logo
New Jersey Semi-Conduct...
1N4725 NJSEMI-1N4725 Datasheet
114Kb / 1P
Silicon Rectifiers
More results

Similar Description - 1N4725

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
SM06103370 AMETHERM-SM06103370 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM06223395-HT AMETHERM-SM06223395-HT Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM06503395 AMETHERM-SM06503395 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM06503410 AMETHERM-SM06503410 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM06623410 AMETHERM-SM06623410 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
logo
Schurter Inc.
HDT SCHURTER-HDT Datasheet
192Kb / 4P
NO 2pole, IP65, illuminated Data sheet / Specifications
logo
Molex Electronics Ltd.
64001-3900 MOLEX2-64001-3900 Datasheet
319Kb / 9P
Hand Crimp Tool Operating Instruction Sheet and Specifications
logo
America Semiconductor, ...
1N6101 AMERICASEMI-1N6101 Datasheet
549Kb / 1P
Specifications Sheet
logo
American Microsemicondu...
AMSIRDK250-08 AMMSEMI-AMSIRDK250-08 Datasheet
547Kb / 2P
Specifications Sheet
AMS-IRDK250-08 AMMSEMI-AMS-IRDK250-08 Datasheet
537Kb / 2P
Specifications Sheet
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com