Electronic Components Datasheet Search
  English  ▼

X  

AD5543BR Datasheet(PDF) 2 Page - Analog Devices

Part # AD5543BR
Description  Current Output/ Serial Input, 16-/14-Bit DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5543BR Datasheet(HTML) 2 Page - Analog Devices

  AD5543BR Datasheet HTML 1Page - Analog Devices AD5543BR Datasheet HTML 2Page - Analog Devices AD5543BR Datasheet HTML 3Page - Analog Devices AD5543BR Datasheet HTML 4Page - Analog Devices AD5543BR Datasheet HTML 5Page - Analog Devices AD5543BR Datasheet HTML 6Page - Analog Devices AD5543BR Datasheet HTML 7Page - Analog Devices AD5543BR Datasheet HTML 8Page - Analog Devices AD5543BR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. A
–2–
AD5543/AD5553–SPECIFICATIONS
(@ VDD = 5 V
10%, VSS = 0 V, IOUT = Virtual GND, GND = 0 V, VREF = 10 V,
TA = Full operating temperature range, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Condition
5 V
10% Unit
STATIC PERFORMANCE
1
Resolution
N
1 LSB = VREF/2
16 = 153
µV when V
REF = 10 V AD5543
16
Bits
1 LSB = VREF/2
14 = 610
µV when VREF = 10 V AD5553 14
Bits
Relative Accuracy
INL
Grade: AD5553C
±1LSB max
Grade: AD5543B
±2LSB max
Differential Nonlinearity
DNL
Monotonic
±1LSB max
Output Leakage Current
IOUT
Data = 0000H, TA = 25
°C10
nA max
Data = 0000H, TA = TA max
20
nA max
Full-Scale Gain Error
GFSE
Data = FFFFH
±1/±4mV typ/max
Full-Scale Tempco
2
TCVFS
1ppm/
°C typ
REFERENCE INPUT
VREF Range
VREF
–15/+15
V min/max
Input Resistance
RREF
5k
Ω typ3
Input Capacitance
2
CREF
5pF typ
ANALOG OUTPUT
Output Current
IOUT
Data = FFFFH for AD5543
2
mA typ
Data = 3FFFH for AD5553
Output Capacitance
2
COUT
Code Dependent
200
pF typ
LOGIC INPUTS AND OUTPUT
Logic Input Low Voltage
VIL
0.8
V max
Logic Input High Voltage
VIH
2.4
V min
Input Leakage Current
IIL
10
µA max
Input Capacitance
2
CIL
10
pF max
INTERFACE TIMING
2, 4
Clock Input Frequency
fCLK
50
MHz
Clock Width High
tCH
10
ns min
Clock Width Low
tCL
10
ns min
CS to Clock Setup
tCSS
0
ns min
Clock to
CS Hold
tCSH
10
ns min
Data Setup
tDS
5
ns min
Data Hold
tDH
10
ns min
SUPPLY CHARACTERISTICS
Power Supply Range
VDD RANGE
4.5/5.5
V min/max
Positive Supply Current
IDD
Logic Inputs = 0 V
10
µA max
Power Dissipation
PDISS
Logic Inputs = 0 V
0.055
mW max
Power Supply Sensitivity
PSS
∆V
DD =
±5%
0.006
%/% max
AC CHARACTERISTICS
4
Output Voltage Settling Time
tS
To
±0.1% of Full Scale,
0.5
µs typ
Data = 0000H to FFFFH to 0000H for AD5543
Data = 0000H to 3FFFH to 0000H for AD5553
Reference Multiplying BW
BW
VREF = 5 V p-p, Data = FFFFH
4
MHz typ
DAC Glitch Impulse
Q
VREF = 0 V, Data = 7FFFH to 8000H for AD5543
7
nV-s typ
Data = 1FFFH to 2000H for AD5553
Feedthrough Error
VOUT/VREF Data = 0000H, VREF = 100 mV rms, same channel
–65
dB
Digital Feedthrough
Q
CS = 1, and f
CLK = 1 MHz
7
nV-s typ
Total Harmonic Distortion
THD
VREF = 5 V p-p, Data = FFFFH, f = 1 kHz
–85
dB typ
Output Spot Noise Voltage
eN
f = 1 kHz, BW = 1 Hz
12
nV/
√Hz
NOTES
1All static performance tests (except I
OUT) are performed in a closed-loop system using an external precision OP177 I-to-V converter amplifier. The AD5543 R FB terminal
is tied to the amplifier output. The op amp +IN is grounded and the DAC I OUT is tied to the op amp –IN. Typical values represent average readings measured at 25
°C.
2These parameters are guaranteed by design and are not subject to production testing.
3All ac characteristic tests are performed in a closed-loop system using an AD841 I-to-V converter amplifier.
4All input control signals are specified with t
R = tF = 2.5 ns (10% to 90% of 3 V) and timed from a voltage level of 1.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com