Electronic Components Datasheet Search
  English  ▼

X  

AD8390 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8390
Description  Low Power, High Output Current Differential Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8390 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8390 Datasheet HTML 8Page - Analog Devices AD8390 Datasheet HTML 9Page - Analog Devices AD8390 Datasheet HTML 10Page - Analog Devices AD8390 Datasheet HTML 11Page - Analog Devices AD8390 Datasheet HTML 12Page - Analog Devices AD8390 Datasheet HTML 13Page - Analog Devices AD8390 Datasheet HTML 14Page - Analog Devices AD8390 Datasheet HTML 15Page - Analog Devices AD8390 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD8390
Rev. C | Page 13 of 16
OUTLINE DIMENSIONS
16
5
13
8
9
12
1
4
BOTTOM
VIEW
2.25
2.10 SQ
1.95
0.75
0.60
0.50
0.65 BSC
1.95 BSC
0.35
0.28
0.25
12° MAX
0.20 REF
SEATING
PLANE
PIN 1
INDICATOR
TOP
VIEW
4.0
BSC SQ
3.75
BSC SQ
0.60 MAX
0.60 MAX
0.05 MAX
0.02 NOM
0.80 MAX
0.65 TYP
PIN 1
INDICATOR
1.00
0.85
0.80
COPLANARITY
0.08
0.25 MIN
COMPLIANT TO JEDEC STANDARDS MO-220-VGGC
Figure 27. 4 × 4 mm 16-Lead Lead Frame Chip Scale Package [LFCSP]
(CP-16)
Dimensions shown in millimeters
16
9
8
1
0.197
0.189
0.236
BSC
PIN 1
0.154
BSC
SEATING
PLANE
0.010
0.004
0.012
0.008
0.025
BSC
0.010
0.006
0.050
0.016
COPLANARITY
0.004
0.065
0.049
0.069
0.053
BOTTOM VIEW
0.090
0.096
TOP VIEW
COMPLIANT TO JEDEC STANDARDS MO-137
8°
0°
0.077
Figure 28. 16-Lead Shrink Small Outline Package, Exposed Pad [QSOP/EP]
(RC-16)
Dimensions shown in inches
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD8390ACP-R2
–40°C to +85°C
16-Lead LFCSP
CP-16, 250 Piece Reel
AD8390ACP-REEL
–40°C to +85°C
16-Lead LFCSP
CP-16, 13” Tape and Reel
AD8390ACP-REEL7
–40°C to +85°C
16-Lead LFCSP
CP-16, 7” Tape and Reel
AD8390ACP-EVAL
Evaluation Board
LFCSP
AD8390ARC
–40°C to +85°C
16-Lead QSOP/EP
RC-16
AD8390ARC-REEL
–40°C to +85°C
16-Lead QSOP/EP
RC-16, 13” Tape and Reel
AD8390ARC-REEL7
–40°C to +85°C
16-Lead QSOP/EP
RC-16, 7” Tape and Reel
AD8390ARC-EVAL
Evaluation Board
QSOP/EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com