Electronic Components Datasheet Search
  English  ▼

X  

MBRF5150 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MBRF5150
Description  High frequency operation
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MBRF5150 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MBRF5150 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF5150 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF5150 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF5150 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF5150 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Green Products
Data Sheet N1780, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
MBRF5150
MBRF5150 SCHOTTKY RECTIFIER
Applications:
•
Switching power supply
•
Converters
•
Free-Wheeling diodes
•
Reverse battery protection
•
Center tap configuration
Features:
•
150°C TJ operation
•
Low forward voltage drop
•
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
•
High frequency operation
•
Guard ring for enhanced ruggedness and long term reliability
•
This is a Pb − Free Device
•
All SMC parts are traceable to the wafer lot
•
Additional testing can be offered upon request
Mechanical Dimensions (In mm)
ITO-220AC
SYMBOL
MIN.
TYP.
MAX.
A
4.30
4.50
4.70
A1
1.10
1.30
1.50
A2
2.80
3.00
3.20
A3
2.50
2.70
2.90
b
0.50
0.60
0.75
b1
1.10
1.20
1.35
b2
1.50
1.60
1.75
c
0.55
0.60
0.75
D
14.80
15.00
15.20
E
9.96
10.16
10.36
e-
2.55
-
e1
-
5.10
-
H1
6.50
6.70
6.90
L
12.70
13.20
13.70
L1
1.60
1.80
2.00
L2
0.80
1.00
1.20
L3
0.60
0.80
1.00
L4
-
1.10
1.50
ΦP1(上口)
3.30
3.50
3.70
ΦP2(下口)
2.99
3.19
3.39
Q
2.50
2.70
2.90
Θ15°
Θ24°
Θ3
10°
Θ45°
Θ55°


Similar Part No. - MBRF5150

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF5150 TSC-MBRF5150 Datasheet
572Kb / 2P
Isolation 5.0 AMPS. Schottky Barrier Rectifiers
MBRF5150 TSC-MBRF5150 Datasheet
570Kb / 2P
Isolation 5.0 AMPS. Schottky Barrier Rectifiers
logo
SAMYANG ELECTRONICS CO....
MBRF5150 SAMYANG-MBRF5150 Datasheet
1Mb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
SMC Diode Solutions Co....
MBRF5150 SMCDIODE-MBRF5150 Datasheet
508Kb / 4P
MBRF5150 SCHOTTKY RECTIFIER
Rev. A
More results

Similar Description - MBRF5150

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-241NQ045PBF VISHAY-VS-241NQ045PBF Datasheet
127Kb / 6P
High frequency operation
19-Mar-15
logo
Littelfuse
DST2045AX LITTELFUSE-DST2045AX Datasheet
921Kb / 3P
High frequency operation
DST2060C LITTELFUSE-DST2060C Datasheet
660Kb / 3P
High frequency operation
DST2060DJF LITTELFUSE-DST2060DJF Datasheet
945Kb / 3P
High frequency operation
DST2080S LITTELFUSE-DST2080S Datasheet
735Kb / 3P
High frequency operation
DST20150C LITTELFUSE-DST20150C Datasheet
981Kb / 3P
High frequency operation
DSTB2045C LITTELFUSE-DSTB2045C Datasheet
627Kb / 3P
High frequency operation
DSTF3045C LITTELFUSE-DSTF3045C Datasheet
687Kb / 3P
High frequency operation
DSTF4060C LITTELFUSE-DSTF4060C Datasheet
695Kb / 3P
High frequency operation
DSTF20120C LITTELFUSE-DSTF20120C Datasheet
700Kb / 3P
High frequency operation
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com